Electronic Components Datasheet Search |
|
TMS29F800B-90BDBJQ Datasheet(PDF) 9 Page - Texas Instruments |
|
TMS29F800B-90BDBJQ Datasheet(HTML) 9 Page - Texas Instruments |
9 / 51 page TMS29F800T, TMS29F800B 1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES SMJS835B – MAY 1997 – REVISED OCTOBER 1997 9 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 operation (continued) Table 2. Bottom-Boot Sector-Address Ranges† A18 A17 A16 A15 A14 A13 A12 SECTOR SIZE (x8) ADDRESS RANGE (x16) ADDRESS RANGE SA18 1 1 1 1 X X X 64K-Byte F0000H–FFFFFH 78000H–7FFFFH SA17 1 1 1 0 X X X 64K-Byte E0000H–EFFFFH 70000H–77FFFH SA16 1 1 0 1 X X X 64K-Byte D0000H–DFFFFH 68000H–6FFFFH SA15 1 1 0 0 X X X 64K-Byte C0000H–CFFFFH 60000H–67FFFH SA14 1 0 1 1 X X X 64K-Byte B0000H–BFFFFH 58000H–5FFFFH SA13 1 0 1 0 X X X 64K-Byte A0000H–AFFFFH 50000H–57FFFH SA12 1 0 0 1 X X X 64K-Byte 90000H–9FFFFH 48000H–4FFFFH SA11 1 0 0 0 X X X 64K-Byte 80000H–8FFFFH 40000H–47FFFH SA10 0 1 1 1 X X X 64K-Byte 70000H–7FFFFH 38000H–3FFFFH SA9 0 1 1 0 X X X 64K-Byte 60000H–6FFFFH 30000H–37FFFH SA8 0 1 0 1 X X X 64K-Byte 50000H–5FFFFH 28000H–2FFFFH SA7 0 1 0 0 X X X 64K-Byte 40000H–4FFFFH 20000H–27FFFH SA6 0 0 1 1 X X X 64K-Byte 30000H–3FFFFH 18000H–1FFFFH SA5 0 0 1 0 X X X 64K-Byte 20000H–2FFFFH 10000H–17FFFH SA4 0 0 0 1 X X X 64K-Byte 10000H–1FFFFH 08000H–0FFFFH SA3 0 0 0 0 1 X X 32K-Byte 08000H–0FFFFH 04000H–07FFFH SA2 0 0 0 0 0 1 1 8K-Byte 06000H–07FFFH 03000H–03FFFH SA1 0 0 0 0 0 1 0 8K-Byte 04000H–05FFFH 02000H–02FFFH SA0 0 0 0 0 0 0 X 16K-Byte 00000H–03FFFH 00000H–01FFFH † The address range is A–1–A18 in byte mode. The address range is A0–A18 in word mode. |
Similar Part No. - TMS29F800B-90BDBJQ |
|
Similar Description - TMS29F800B-90BDBJQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |