Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1210 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC1210
Description  Clock For 1/2 Duty VFD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1210 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSC1210 Datasheet HTML 3Page - OKI electronic componets MSC1210 Datasheet HTML 4Page - OKI electronic componets MSC1210 Datasheet HTML 5Page - OKI electronic componets MSC1210 Datasheet HTML 6Page - OKI electronic componets MSC1210 Datasheet HTML 7Page - OKI electronic componets MSC1210 Datasheet HTML 8Page - OKI electronic componets MSC1210 Datasheet HTML 9Page - OKI electronic componets MSC1210 Datasheet HTML 10Page - OKI electronic componets MSC1210 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
MSC1210
¡ Semiconductor
FEDL1210-03
• Display Mode
4-digit display of hours/minutes on a 12-hour format.
Hours display ............. between 1 and 12
Minutes display .......... between 00 and 59
The most significant digit will not appear if it is zero. (Most significant digit zero suppress
mechanism)
• Correcting Clock
Hour/minute fast advance function.
Hour digits and minute digits can fast advance, separately.
The hour digit can fast advance via HS pin (Hour Set), and the minute digit via MS pin (Minute
Set) with 2 Hz period.
The hour counter or minute counter is incremented by 1 each time of pressing.
If keeping it depressed, these counters are incremented continuously with 2 Hz intervals.
The HS and MS pins, when they are open, are kept at "1" level with a pull-up resistor, and
become non-active.
These pins become active when "0" level voltage is supplied from the external source.
The hour digit and minute digit can fast advance simultaneously.
In doing the fast advance operation, the low order digit of the counter continues a normal
operation, but a carry out of the minute digit into the hour digit does not occur.
In doing the minute digit fast advance, a carry into the hour digit does not occur.
• Zero Adjust Function (
±30 minutes Zero Reset)
The ZA pin (Zero Adjust), when it is open, is kept at "1" level thith a pull-up resisitor, and
becomes non-active.
This pin becomes active when "0" level voltage is supplied from the external source in order
to execute Zero Adjust operation.
If the minute digits are smaller than 30, the minute digits and second digits are reset to 00'00".
If the minute digits are larger than 30, the minute digits and second digits are reset to 00'00",
and a carry into the hour digit is executed.
Pre-second resetting of the counter is performed up to 16 Hz.
(Zero Adjust Example)
(X – 1) (hour) 30'00"
X (hour) 00'00"
X (hour) 00'00"
X (hour) 29'59"
X (hour) 30'00"
X (hour) 59'59"
(X + 1) (hour) 00'00"
(X + 1) (hour) 29'59"


Similar Part No. - MSC1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI-MSC1210Y2 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI-MSC1210Y2 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1210

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16566 HOLTEK-HT16566 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_10 Datasheet
96Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562_10 Datasheet
97Kb / 8P
   1/2 Duty VFD Digital Clock
logo
Sanyo Semicon Device
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
LC7573N SANYO-LC7573N Datasheet
169Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
logo
LAPIS Semiconductor Co....
ML9213 LAPIS-ML9213 Datasheet
194Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
logo
Sanyo Semicon Device
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com