Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1210 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSC1210
Description  Clock For 1/2 Duty VFD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1210 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSC1210 Datasheet HTML 3Page - OKI electronic componets MSC1210 Datasheet HTML 4Page - OKI electronic componets MSC1210 Datasheet HTML 5Page - OKI electronic componets MSC1210 Datasheet HTML 6Page - OKI electronic componets MSC1210 Datasheet HTML 7Page - OKI electronic componets MSC1210 Datasheet HTML 8Page - OKI electronic componets MSC1210 Datasheet HTML 9Page - OKI electronic componets MSC1210 Datasheet HTML 10Page - OKI electronic componets MSC1210 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
MSC1210
¡ Semiconductor
FEDL1210-03
NOTICE
1.
The information contained herein can change without notice owing to product and/or
technical improvements. Before using the product, please make sure that the information
being referred to is up-to-date.
2.
The outline of action and examples for application circuits described herein have been
chosen as an explanation for the standard action and performance of the product. When
planning to use the product, please ensure that the external conditions are reflected in the
actual circuit, assembly, and program designs.
3.
When designing your product, please use our product below the specified maximum
ratings and within the specified operating ranges including, but not limited to, operating
voltage, power dissipation, and operating temperature.
4.
Oki assumes no responsibility or liability whatsoever for any failure or unusual or
unexpected operation resulting from misuse, neglect, improper installation, repair, alteration
or accident, improper handling, or unusual physical or electrical stress including, but not
limited to, exposure to parameters beyond the specified maximum ratings or operation
outside the specified operating range.
5.
Neither indemnity against nor license of a third party’s industrial and intellectual property
right, etc. is granted by us in connection with the use of the product and/or the information
and drawings contained herein. No responsibility is assumed by us for any infringement
of a third party’s right which may result from the use thereof.
6.
The products listed in this document are intended for use in general electronics equipment
for commercial applications (e.g., office automation, communication equipment,
measurement equipment, consumer electronics, etc.). These products are not authorized
for use in any system or application that requires special or enhanced quality and reliability
characteristics nor in any system or application where the failure of such system or
application may result in the loss or damage of property, or death or injury to humans.
Such applications include, but are not limited to, traffic and automotive equipment, safety
devices, aerospace equipment, nuclear power control, medical equipment, and life-support
systems.
7.
Certain products in this document may need government approval before they can be
exported to particular countries. The purchaser assumes the responsibility of determining
the legality of export of these products and will take appropriate and necessary steps at their
own expense for these.
8.
No part of the contents contained herein may be reprinted or reproduced without our prior
permission.
9.
MS-DOS is a registered trademark of Microsoft Corporation.
Copyright 2000 Oki Electric Industry Co., Ltd.
Printed in Japan


Similar Part No. - MSC1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI-MSC1210Y2 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI-MSC1210Y2 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1210

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16566 HOLTEK-HT16566 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_10 Datasheet
96Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562_10 Datasheet
97Kb / 8P
   1/2 Duty VFD Digital Clock
logo
Sanyo Semicon Device
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
LC7573N SANYO-LC7573N Datasheet
169Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
logo
LAPIS Semiconductor Co....
ML9213 LAPIS-ML9213 Datasheet
194Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
logo
Sanyo Semicon Device
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com