Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62127DV30LL-45ZSI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62127DV30LL-45ZSI
Description  1 Mb (64K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV30LL-45ZSI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62127DV30LL-45ZSI Datasheet HTML 1Page - Cypress Semiconductor CY62127DV30LL-45ZSI Datasheet HTML 2Page - Cypress Semiconductor CY62127DV30LL-45ZSI Datasheet HTML 3Page - Cypress Semiconductor CY62127DV30LL-45ZSI Datasheet HTML 4Page - Cypress Semiconductor CY62127DV30LL-45ZSI Datasheet HTML 5Page - Cypress Semiconductor CY62127DV30LL-45ZSI Datasheet HTML 6Page - Cypress Semiconductor CY62127DV30LL-45ZSI Datasheet HTML 7Page - Cypress Semiconductor CY62127DV30LL-45ZSI Datasheet HTML 8Page - Cypress Semiconductor CY62127DV30LL-45ZSI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 Mb (64K x 16) Static RAM
CY62127DV30
MoBL®
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05229 Rev. *D
Revised February 2, 2005
Features
• Very high speed: 45 ns
• Wide voltage range: 2.2V to 3.6V
• Pin compatible with CY62127BV
• Ultra-low active power
— Typical active current: 0.85 mA @ f = 1 MHz
— Typical active current: 5 mA @ f = fMAX
• Ultra-low standby power
• Easy memory expansion with CE and OE features
• Automatic power-down when deselected
• Packages offered in a 48-ball FBGA and a 44-lead TSOP
Type II
• Also available in Lead-Free 48-ball FBGA, and 44-lead
TSOP Type II packages
Functional Description[1]
The CY62127DV30 is a high-performance CMOS static RAM
organized as 64K words by 16 bits. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life™ (MoBL®) in
portable applications such as cellular telephones. The device
also has an automatic power-down feature that significantly
reduces power consumption by 90% when addresses are not
toggling. The device can be put into standby mode reducing
power consumption by more than 99% when deselected (CE
HIGH or both BHE and BLE are HIGH). The input/output pins
(I/O0 through I/O15) are placed in a high-impedance state
when: deselected (CE HIGH), outputs are disabled (OE
HIGH), both Byte High Enable and Byte Low Enable are
disabled (BHE, BLE HIGH) or during a write operation (CE
LOW and WE LOW).
Writing to the device is accomplished by taking Chip Enable
(CE) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is
written into the location specified on the address pins (A0
through A15). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A15).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then data from the memory location specified by the address
pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is
LOW, then data from memory will appear on I/O8 to I/O15. See
the truth table at the back of this data sheet for a complete
description of read and write modes.
Note:
1. For best-practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
64K x 16
RAM Array
I/O0 – I/O7
A8
A7
A6
A5
A2
COLUMN DECODER
2048 x 512
DATA IN DRIVERS
OE
A4
A3
I/O8 – I/O15
CE
WE
BLE
BHE
A0
A1
A9
Power
-Down
Circuit
BHE
BLE
CE
A10
10


Similar Part No. - CY62127DV30LL-45ZSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30LL-45ZXI CYPRESS-CY62127DV30LL-45ZXI Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV30LL-45ZXI CYPRESS-CY62127DV30LL-45ZXI Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
More results

Similar Description - CY62127DV30LL-45ZSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30 CYPRESS-CY62127DV30_06 Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_09 Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com