Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3274UGE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3274UGE
Description  Dual-Rate Fibre Channel Limiting Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3274UGE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3274UGE Datasheet HTML 2Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 3Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 4Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 5Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 6Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 7Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 8Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 9Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Detailed Description
Figure 2 is a functional diagram of the MAX3274 limit-
ing amplifier. Typical gain is 46dB. A linear input drives
a bandwidth selector. An offset correction loop with
lowpass filtering ensures low deterministic jitter. An
integrated RMS signal detector monitors for loss-of-sig-
nal conditions. The output buffer provides a limited
CML output signal.
Input Buffer
The MAX3274 input buffer (Figure 3) provides a 100
input impedance between IN+ and IN-. DC-
coupling the inputs is not recommended; doing so pre-
vents proper functioning of DC offset correction circuitry.
Signal Detect and Loss-of-Signal
An RMS signal detector looks at the signal from the
input buffer and compares it to a threshold set by a
resistor at pin TH. The status of the signal-detect infor-
mation appears at the LOS outputs. These are open-
collector outputs and require external pullup resistors
connected to the host power supply. The LOS outputs
are high impedance when the power supply to the
MAX3274 is 0V. ESD protection on the dual-rate limiting
amplifiers’ LOS outputs do not forward-bias when the
power supply of the MAX3274 is 0V or below the host
power supply.
Offset Correction
A low-frequency feedback loop is integrated into the
limiting amplifiers to reduce input offset and thereby
minimize duty-cycle distortion. For proper operation,
the input must be externally AC-coupled. The offset
correction circuit has been optimized for the Fibre
Channel character set, disparity rules, and 8b/10b data
encoding. This dictates an average data input mark
density of 50% and a maximum run length of five con-
secutive identical digits (CID) or bits.
CML Output Buffer
The MAX3274 CML outputs (Figure 4) provide high toler-
ance to impedance mismatches and inductive connec-
tors. The output current is approximately 24mA. The
squelch function is enabled when SQUELCH is set to a
TTL-high level or connected to VCC. The squelch func-
tion holds OUT+ and OUT- at a static voltage when the
input signal level drops below the loss-of-signal thresh-
old. The output buffer can be AC- or DC-coupled to the
load. For DC operation, the load must be terminated to
VCC of the MAX3274.
Design Procedure
Programming the LOS Assert Threshold
External resistor RTH programs the loss-of-signal
threshold. See the LOS Threshold vs. RTH graph in the
Typical Operating Characteristics section. RTH can be
estimated by RTH = 15 / VTH, where VTH is the peak-to-
peak differential input assert level.
Selecting the AC-Coupling Capacitors
The input and output AC-coupling capacitors (CIN,
COUT) should be selected to minimize the receiver’s
deterministic jitter. Lowering the low-frequency cutoff
reduces deterministic jitter. The low-frequency cutoff
can be determined by:
where RL is the single-ended load impedance and RS
is the single-ended source impedance. CIN, COUT =
0.1µF is recommended.
Applications Information
Optical Hysteresis
In an optical receiver, the electrical power change at
the limiting amplifier is 2 times the optical power
change. For example, if a receiver’s optical input power
(
χ) increases by a factor of 2, and the preamplifier is
linear, then the voltage input to the limiting amplifier
also increases by a factor of 2. The optical power
change is 10log (2
χ/χ) = 10log(2) = 3dB. At the limiting
amplifier, the electrical power change is:
The typical voltage hysteresis for the MAX3274 is 6dB.
This provides an optical hysteresis of 3dB.
10
2
10
2
20
2
6
2
2
2
log
/
/
log
log
VR
VR
dB
IN
IN
IN
IN
()
=
()=
() =
f
CR
R
C
LS
=
××
+
()
1
2
π
Dual-Rate Fibre Channel Limiting Amplifier
_______________________________________________________________________________________
7
50
VDEASSERT
VASSERT
VIN
LOS, LOS
OUTPUTS
50
LOS RESPONSE TIME
Figure 1. LOS Response Time


Similar Part No. - MAX3274UGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3270 MAXIM-MAX3270 Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3270EMH MAXIM-MAX3270EMH Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271D MAXIM-MAX3271D Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271E MAXIM-MAX3271E Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
More results

Similar Description - MAX3274UGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3772 MAXIM-MAX3772 Datasheet
220Kb / 9P
   Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
logo
XFMRS Inc.
XF01561BF XFMRS-XF01561BF Datasheet
55Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
2039 XFMRS-2039 Datasheet
29Kb / 1P
   DUAL FIBRE CHANNEL TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S_15 Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
2039 XFMRS-2039_15 Datasheet
29Kb / 1P
   DUAL FIBRE CHANNEL TRANSFORMERS
XF00461B2 XFMRS-XF00461B2 Datasheet
53Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com