Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962G9689104QXX Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # 5962G9689104QXX
Description  Radiation-Hardened 32K x 8 PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962G9689104QXX Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  5962G9689104QXX Datasheet HTML 1Page - Aeroflex Circuit Technology 5962G9689104QXX Datasheet HTML 2Page - Aeroflex Circuit Technology 5962G9689104QXX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962G9689104QXX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962G9689104QXX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962G9689104QXX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962G9689104QXX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962G9689104QXX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962G9689104QXX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
DEVICE OPERATION
The UT28F256 has three control inputs: Chip Enable (CE),
Program Enable (PE), and Output Enable (OE); fifteen address
inputs, A(14:0); and eight bidirectional data lines, DQ(7:0). CE
is the device enable input that controls chip selection, active, and
standby modes. AssertingCE causes I DD to rise to its active value
and decodes the fifteen address inputs to select one of 32,768
words in the memory. PE controls program and read operations.
During a read cycle, OE must be asserted to enable the outputs.
PIN NAMES
Table 1. Device Operation Truth Table
1
Notes:
1. “X” is defined as a “don’t care” condition.
2. Device active; outputs disabled.
ABSOLUTE MAXIMUM RATINGS 1
(Referenced to VSS)
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the
device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
2. Test per MIL-STD-883, Method 1012, infinite heat sink.
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VDD
PE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A(14:0)
Address
CE
Chip Enable
OE
Output Enable
PE
Program Enable
DQ(7:0)
Data Input/Data Output
OE
PE
CE
I/O MODE
MODE
X
1
1
Three-state
Standby
0
1
0
Data Out
Read
1
0
0
Data In
Program
1
1
0
Three-state
Read 2
SYMBOL
PARAMETER
LIMITS
UNITS
V
DD
DC supply voltage
-0.3 to 7.0
V
VI/O
Voltage on any pin
-0.5 to (VDD + 0.5)
V
TSTG
Storage temperature
-65 to +150
°C
P
D
Maximum power dissipation
1.5
W
TJ
Maximum junction temperature
+175
°C
Θ
JC
Thermal resistance, junction-to-case 2
3.3
°C/W
I
I
DC input current
±10
mA


Similar Part No. - 5962G9689104QXX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962G9563801QQYA ETC2-5962G9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962G9563801QQYC ETC2-5962G9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962G9689104QXX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com