Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5337BTA Datasheet(PDF) 8 Page - ON Semiconductor

Part # 1N5337BTA
Description  5 Watt Surmetic 40 Zener Voltage Refulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5337BTA Datasheet(HTML) 8 Page - ON Semiconductor

  1N5337BTA Datasheet HTML 1Page - ON Semiconductor 1N5337BTA Datasheet HTML 2Page - ON Semiconductor 1N5337BTA Datasheet HTML 3Page - ON Semiconductor 1N5337BTA Datasheet HTML 4Page - ON Semiconductor 1N5337BTA Datasheet HTML 5Page - ON Semiconductor 1N5337BTA Datasheet HTML 6Page - ON Semiconductor 1N5337BTA Datasheet HTML 7Page - ON Semiconductor 1N5337BTA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1N5333B Series
http://onsemi.com
8
PACKAGE DIMENSIONS
AXIAL LEAD
CASE 17−02
ISSUE C
B
D
F
K
A
F
K
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.330
0.350
8.38
8.89
B
0.130
0.145
3.30
3.68
D
0.037
0.043
0.94
1.09
F
−−−
0.050
−−−
1.27
K
1.000
1.250
25.40
31.75
NOTES:
1. LEAD DIAMETER AND FINISH NOT CONTROLLED
WITHIN DIMENSION F.
STYLE 1:
PIN 1. ANODE
2. CATHODE
2
1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
1N5333B/D
SURMETIC is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - 1N5337BTA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5337B MOTOROLA-1N5337B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotech Company.
1N5337B DIOTECH-1N5337B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
logo
Guangdong Kexin Industr...
1N5337B KEXIN-1N5337B Datasheet
2Mb / 5P
   Zener Diodes
logo
Boca Semiconductor Corp...
1N5337B BOCA-1N5337B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
EIC discrete Semiconduc...
1N5337B EIC-1N5337B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5337BTA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
P6KE6.8A ONSEMI-P6KE6.8A Datasheet
57Kb / 8P
   600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors
April, 2002 ??Rev. 5
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com