Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA91C Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA91C
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA91C Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P4SMA91C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA91C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA91C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA91C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
- 549 -
RATINGS AND CHARACTERISTIC CURVES (P4SMA SERIES)
FIG.1- PEAK PULSE POWER RATING CURVE
tp, PULSE WIDTH, sec.
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0.1
1.0
10
100
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
T = 25 C
A
O
FIG.3- PULSE WAVEFORM
t, TIME, ms
0
1.0
2.0
3.0
4.0
0
50
100
150
td
tr = 10 sec
Peak Value
IPPM
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of IPPM
Half Value - I
PPM
2
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
FIG.5- TYPICAL REVERSE LEAKAGE CHARACTERASTICS
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
MEASURED AT DEVICES
STAND-OFF
VOLTAGE, VWM
TA = 25 C
O
0
100
200
300
400
500
0.01
0.1
1
10
100
FIG.2- PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE. ( C)
O
0
25
50
75
100
125
150
175
200
0
25
50
75
100
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
NUMBER OF CYCLES AT 60Hz
Tj = Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6
8
10
20
40
60
80
100
0
10
20
30
40
50
FIG.6- TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
1.0
Tj =25 C
f = 1.0MHz
Vsig = 50 mVp-p
O
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM
10
100
200
100
1000
10,000
100,000


Similar Part No. - P4SMA91C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMA91C PANJIT-P4SMA91C Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
P4SMA91C BWTECH-P4SMA91C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
P4SMA91CA SOCAY-P4SMA91CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
P4SMA91CA SOCAY-P4SMA91CA Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
P4SMA91CA LITTELFUSE-P4SMA91CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
More results

Similar Description - P4SMA91C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com