Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7007F3 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7007F3
Description  LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7007F3 Datasheet(HTML) 2 Page - New Japan Radio

  NJU7007F3 Datasheet HTML 1Page - New Japan Radio NJU7007F3 Datasheet HTML 2Page - New Japan Radio NJU7007F3 Datasheet HTML 3Page - New Japan Radio NJU7007F3 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2003/07/16 ( 2 / 4 )
NJU7007/08
s
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
7.0
V
Differential Input Voltage
VID
±7.0
(Note1)
V
Common Mode Input Voltage
VIC
-0.3~7.0
V
Power Dissipation
PD
250 (Note2)
mW
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-55~+125
°C
Note1) If the supply voltage (VDD) is less than 7.0V, the input voltage must not over the VDD level though 7.0V
is limit specified.
Note2) The power dissipation is value mounted on a glass epoxy board in size of 50x50x1.6 millimater.
Note3) Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the
circuit.


Similar Part No. - NJU7007F3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7001 NJRC-NJU7001 Datasheet
182Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7001D NJRC-NJU7001D Datasheet
182Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7001M NJRC-NJU7001M Datasheet
182Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7001V NJRC-NJU7001V Datasheet
182Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7002 NJRC-NJU7002 Datasheet
182Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
More results

Similar Description - NJU7007F3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7118 NJRC-NJU7118 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
logo
Nippon Precision Circui...
NJU7118 NPC-NJU7118 Datasheet
75Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
logo
New Japan Radio
NJU7091A NJRC-NJU7091A Datasheet
286Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7006 NJRC-NJU7006 Datasheet
62Kb / 2P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7109 NJRC-NJU7109 Datasheet
176Kb / 7P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7119 NJRC-NJU7119 Datasheet
178Kb / 10P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
   LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
NJU7071 NJRC-NJU7071 Datasheet
82Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com