Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHM8001 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHM8001
Description  MOSFET MODULE Single 900A/150A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHM8001 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHM8001 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHM8001 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHM8001 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHM8001 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOSFET MODULE Single 800A /150V
Single 800A /150V
Single 800A /150V
Single 800A /150V
PHM8001
PHM8001
PHM8001
PHM8001
MAXMUM RATINGS
Ratings
Symbol
PHM8001
Unit
Drain-Source Voltage (VGS=0V)
VDSS
150
V
Gate -Source Voltage
VGSS
+/ - 20
V
Duty=50%
800 (Tc=25
°C)
Continuous Drain Current
D.C.
ID
640 (Tc=25
°C)
A
Pulsed Drain Current
IDM
1,600 Tc=25
°C)
A
Total PowerDissipation
PD
2,650 Tc=25
°C)
W
OperatingJunction Temperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isolation Voltage Terminals to Base AC, 1 min.)
VISO
2,500
V
Module Base to Heatsink
3.0
Gate Terminals
M4
1.4
MountingTorque
Bus Bar to Main Terminals
FTOR
M8
10.5
N
•m
ELECTRICAL CHARACTERISTICS (@Tc=25°Cunlessotherwisenoted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Zero Gate Voltage Drain Current
IDSS
VDS=VDSS,VGS=0V
-
-
4.8
mA
Gate-Source Leakage Current
IGSS
VGS=+/- 20V,VDS=0V
-
-
4.8
µA
Gate-Source ThresholdVoltage
VGS(th)
VDS=VGS, ID=16mA
1.0
2.0
3.2
V
StaticDrain-Source On-Resistance
rDS(on)
VGS=10V, ID=800A
-
1.15
1.4
m-ohm
Drain-Source On-Voltage
VDS(on)
VGS=10V, ID=800A
-
1.10
1.25
V
ForwardTransconductance
gfs
VDS=15V, ID=800A
-
-
-
S
InputCapacitance
Cies
-
165
-
nF
OutputCapacitance
Coss
-
20
-
nF
Reverse TransferCapacitance
Crss
VDS=10V,VGS=0V,f=1MHz
-
20
-
nF
Rise Time
tr
-
500
-
Turn-On DelayTime
td(on)
-
880
-
Fall Time
tf
-
180
-
Turn-Off Delay Time
td(off)
VDD=80V
ID=400A
VGS=-5V, +10V
RG=0.75 ohm
-
1,300
-
ns
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Duty=50%.
-
-
800
Continuous Source Current
IS
D.C. (Terminal Temperature=80
°C
650
A
PulsedSource Current
ISM
-
-
-
1,600
A
Diode ForwardVoltage
VSD
IS=800A
-
1.10
1.76
V
Reverse RecoveryTime
trr
IS=800A, -dis/dt=1,600A/
µs
-
130
-
ns
THERMAL CHRACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Thermal Resistance, Junction to Case
Rth(j-c)
-
-
0.047
Thermal Resistance, Case to Heatsink
Rth(c-f)
Mountingsurface flat, smooth, and greased
-
-
0.035
°C/W
FEATURES
* TrenchGate MOSFETModule
* SuperLowRds(ON) 1.4 milliohms( @800A)
* With FastRecoverySource-Drain Diode
TYPICAL APPLICATIONS
* ChopperControl ForFORKLIFTs
Approximate Weight:650g
OUTLINE DRAWING
Circuit


Similar Part No. - PHM8001

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHM8001 NIEC-PHM8001 Datasheet
119Kb / 5P
   800A 150V
PHM8001 NIEC-PHM8001_1 Datasheet
119Kb / 5P
   800A 150V
More results

Similar Description - PHM8001

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAGNH1501200 DACO-DAGNH1501200 Datasheet
440Kb / 3P
   IGBT Module 150A
logo
Nihon Inter Electronics...
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
   THYRISTOR MODULE 150A/800V
logo
MacMic
MMG150B065PD6EN MACMIC-MMG150B065PD6EN Datasheet
284Kb / 5P
   650V 150A IGBT Module
MMG150D170B6EN MACMIC-MMG150D170B6EN Datasheet
307Kb / 5P
   1700V 150A IGBT Module
MMG150S060B6TC MACMIC-MMG150S060B6TC Datasheet
354Kb / 6P
   600V 150A IGBT Module
MMG150D170B MACMIC-MMG150D170B Datasheet
1Mb / 3P
   1700V 150A IGBT Module
MMF150S060DA MACMIC-MMF150S060DA Datasheet
457Kb / 3P
   600V 150A FRED Module
MMF150S060DK MACMIC-MMF150S060DK Datasheet
390Kb / 3P
   600V 150A FRED Module
MMF150S120DA MACMIC-MMF150S120DA Datasheet
439Kb / 3P
   1200V 150A FRED Module
MMG150D120UA6TN MACMIC-MMG150D120UA6TN Datasheet
518Kb / 5P
   1200V 150A IGBT Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com