Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX5437M21X Datasheet(PDF) 8 Page - Samsung semiconductor

Part # SX5437M21X
Description  1/4 Optical Size 640x480(VGA) CIS Camera Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

SX5437M21X Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button SX5437M21X Datasheet HTML 4Page - Samsung semiconductor SX5437M21X Datasheet HTML 5Page - Samsung semiconductor SX5437M21X Datasheet HTML 6Page - Samsung semiconductor SX5437M21X Datasheet HTML 7Page - Samsung semiconductor SX5437M21X Datasheet HTML 8Page - Samsung semiconductor SX5437M21X Datasheet HTML 9Page - Samsung semiconductor SX5437M21X Datasheet HTML 10Page - Samsung semiconductor SX5437M21X Datasheet HTML 11Page - Samsung semiconductor SX5437M21X Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PRELIMINARY
SX5437M21X-X0B0
PRELIMINARY
1/4 VGA CIS CAMERA MODULE
8
Sensor Imaging Characteristics
(Light source with 3200K of color temperature and IR cut filter (CM-500S, 1mm thickness) is used. Electrical
operating conditions follow the recommended typical values. The control registers are set to the default values.
The ambient temperature, TA is 25°C if not specified.)
NOTES:
1. Measured minimum output level at 100lux illumination for exposure time 1/30 sec. 7X7 rank filter is applied for the whole
pixel area to eliminate the values from defective pixels.
2. Measured average output at 25% of saturation level illumination for exposure time 1/30 sec. Green channel output values
are used for color version.
3. Measured average output at zero illumination without any offset compensation for exposure time 1/30 sec.
4. 20 log (saturation level/ dark level RMS noise excluding fixed pattern noise). 10-bit ADC limits 60dB.
5. 20 log (average output level/RMS noise excluding fixed pattern noise) at 25% of saturation level illumination for exposure
time 1/30 sec.
6. Difference between maximum and minimum pixel output levels at zero illumination for exposure time 1/30 sec. 7X7 median
filter is applied for the whole pixel area to eliminate the values from defective pixels.
7, Difference between maximum and minimum pixel output levels divided by average output level at 25% of saturation level
illumination for exposure time 1/30 sec. 7X7 median filter is applied for the whole pixel area to eliminate the values from
defective pixels.
8. For the column-averaged pixel output values, maximum relative deviation of values from 7-depth median filtered values for
neighboring 7 columns at 25% of saturation level illumination for exposure time 1/30 sec.
9. For the row-averaged pixel output values, maximum relative deviation of values from 7-depth median filtered values for
neighboring 7 columns at 25% of saturation level illumination for exposure time 1/30 sec.
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Saturation level(1)
VSAT
850
900
-
mV
Sensitivity (G)(2)
S
-
1500
-
mV/lux sec
TA = 40°C
-
9
18
Dark level(3)
VDARK
TA = 60°C
-
50
100
mV/sec
Dynamic range(4)
DR
-
60
-
Signal to noise ratio(5)
S/N
-
40
-
dB
Dark signal non-uniformity(6)
DSNU
TA = 60°C
-
-
100
mV/sec
Photo response non-
uniformity(7)
PRNU
-
4
8
%
Vertical fixed pattern noise(8)
VFPN
4
8
%
Horizontal fixed pattern noise(9)
HFPN
4
8
%


Similar Part No. - SX5437M21X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SX5433M14X SAMSUNG-SX5433M14X Datasheet
260Kb / 17P
   1/4 Optical Size 640x480 (VGA) CIS Camera Module
SX5433M14X-X0B0 SAMSUNG-SX5433M14X-X0B0 Datasheet
260Kb / 17P
   1/4 Optical Size 640x480 (VGA) CIS Camera Module
More results

Similar Description - SX5437M21X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SX5433M14X SAMSUNG-SX5433M14X Datasheet
260Kb / 17P
   1/4 Optical Size 640x480 (VGA) CIS Camera Module
S5K433CA SAMSUNG-S5K433CA Datasheet
646Kb / 25P
   1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
S5K437CA SAMSUNG-S5K437CA Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
logo
Toshiba Semiconductor
TCM9001MD TOSHIBA-TCM9001MD Datasheet
722Kb / 40P
   1/10” VGA size Camera Module
Dec. 12, 2008
logo
Samsung semiconductor
S5X713CX03 SAMSUNG-S5X713CX03 Datasheet
606Kb / 29P
   1/7 OPTICAL SIZE 352x288(CIF) CAMERA MODULE
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
   VGA CAMERA MODULE
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
   VGA Mobile Camera Module
IMG-524-P01 STMICROELECTRONICS-IMG-524-P01 Datasheet
63Kb / 3P
   VGA Mobile Camera Module
logo
Hantronix,Inc
HDA570V-GHL HANTRONIX-HDA570V-GHL_15 Datasheet
659Kb / 19P
   VGA(640X480) TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570VT-G HANTRONIX-HDA570VT-G Datasheet
1,006Kb / 17P
   VGA(640X480) , TFT COLOR GRAPHICS LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com