Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4144C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4144C
Description  20-W 24-V Input Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4144C Datasheet(HTML) 2 Page - Texas Instruments

  PT4144C Datasheet HTML 1Page - Texas Instruments PT4144C Datasheet HTML 2Page - Texas Instruments PT4144C Datasheet HTML 3Page - Texas Instruments PT4144C Datasheet HTML 4Page - Texas Instruments PT4144C Datasheet HTML 5Page - Texas Instruments PT4144C Datasheet HTML 6Page - Texas Instruments PT4144C Datasheet HTML 7Page - Texas Instruments PT4144C Datasheet HTML 8Page - Texas Instruments PT4144C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4140 Series
20-W 24-V Input Isolated
DC/DC Converter
Specifications (Unless otherwise stated, Ta =25°C, Vin =24V, Cout =0µF, and Io =Iomax)
PT4140 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 15V
0.1 (1)
1.3
Vo = 12V
0.1 (1)
1.6
A
Vo =5.0V
0.1 (1)
4.0
Vo ≤ 3.3V
0.1 (1)
5.0
Input Voltage Range
Vin
Over Io Range
18.0
24.0
40.0
VDC
Set Point Voltage Tolerance
Vo tol
Vo≥5.0V
±1
±1.5
%Vo
Vo≤3.3V
±50
mV
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C
±0.5
%Vo
Line Regulation
Regline
Over Vin range
Vo≥5.0V
±0.2
±1.0
%Vo
Vo≤3.3V
±7
±33
mV
Load Regulation
Regload
Over Io range
Vo
≥5.0V
±0.4
±1.0
%Vo
Vo≤3.3V
±13
±33
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line load,
Vo≥5.0V
±2
%Vo
–40°
≤Ta ≤ +85°C
Vo≤3.3V
±67
mV
Efficiency
η
Vo = 15V
86
Vo = 12V
83
Vo =5.0V
82
%
Vo =3.3V
78
Vo =1.8V
67
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo ≥ 5.0V
0.5
%Vo
Vo ≤ 3.3V
15
mVpp
Transient Response
ttr
0.1A/µs, load step 50% to 100% Iomax
100
µs
∆Vtr
Vo over/undershoot
Vo ≥ 5.0V
±3.0
%Vo
Vo ≤ 3.3V
±150
mV
Short Circuit Current
Isc
2xIomax
A
Switching Frequency
ƒs
Over Vin range
Vo≥ 12.0V
600
650
700
kHz
Vo ≤ 5.0V
800
850
900
Under-Voltage Lockout
UVLO
15
V
Remote On/Off (Pin 1)
Referenced to –Vin (pin 2)
Input High Voltage
VIH
2.5
7.0 (2)
V
Input Low Voltage
VIL
–0.2
+0.8
Input Low Current
IIL
–10
µA
Standby Input Current
Iin standby
pins 1 & 2 connected
7
50
mA
Internal Input Capacitance
Cin
1.0
µF
External Output Capacitance
Cout
Between +Vo and –Vo
0
200
µF
Isolation Voltage
Input to output
1500
V
Capacitance
1100
pF
Resistance
10
——M
Operating Temperature Range
Ta
Over Vin range
-40
+85 (3)
°C
Storage Temperature
Ts
-40
+125
°C
Reliability
MTBF
Per Bellcore TR-332
4.0
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
Per Mil-Std-883D, method 2002.3,
500
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
Per Mil-Std-883D, method 2007.2,
15
G’s
20-2000Hz, soldered in a PC board
Weight
23
grams
Flammability
Materials meet UL 94V-0
Notes:
(1) The DC/DC converter will operate at no load with reduced specifications.
(2) The Remote On/Off (pin 1) has an internal pull-up, and if it is left open circuit the module will operate when input power is applied. Refer to the
application notes for interface considerations.
(3) See Safe Operating Area curves or contact the factory for the appropriate derating.


Similar Part No. - PT4144C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PT410 ROITHNER-PT410 Datasheet
134Kb / 2P
   TO-Can PIN Photodiode
logo
Texas Instruments
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
[Old version datasheet]   15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-24V TI1-PT4100-24V Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
More results

Similar Description - PT4144C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-20Y BEL-RFT-20Y Datasheet
1Mb / 10P
   20 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com