Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPB-3025NSGC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KPB-3025NSGC
Description  3.0 x 2.5 mm SURFACE MOUNT LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPB-3025NSGC Datasheet(HTML) 1 Page - Kingbright Corporation

  KPB-3025NSGC Datasheet HTML 1Page - Kingbright Corporation KPB-3025NSGC Datasheet HTML 2Page - Kingbright Corporation KPB-3025NSGC Datasheet HTML 3Page - Kingbright Corporation KPB-3025NSGC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAA5776
REV NO: V.2
DATE:DEC/08/2002
PAGE: 1 OF 4
APPROVED: J.Lu
CHECKED:Allen Liu
DRAWN:L.ZHANG
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.0079") unless otherwise noted.
3. Specifications are subject to change without notice.
3.0x2.5mm SURFACE MOUNT LED LAMP
Features
!
3.0mmx2.5mm SMT LED, 1.1mm THICKNESS.
!
BI -COLOR,LOW POWER CONSUMPTION.
!
WIDE VIEWING ANGLE.
!
IDEAL FOR BACKLIGHT AND INDICATOR.
!
VARIOUS COLORS AND LENS TYPES AVAILABLE.
!
PACKAGE : 2000PCS / REEL.
Package Dimensions
KPB-3025NSGC
PURE ORANGE
SUPER BRIGHT GREEN
Description
The Pure Orange source color devices are made
with Gallium Arsenide Phosphide on Gallium
Phosphide Pure Orange Light Emitting Diode.
The Super Bright Green source color devices are
made with Gallium Phosphide Green Light Emitting
Diode.


Similar Part No. - KPB-3025NSGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KPB-3025 KINGBRIGHT-KPB-3025 Datasheet
489Kb / 5P
   3.0 X 2.5mm BI-COLOR SMD CHIP LED LAMPS
KPB-3025ESGC KINGBRIGHT-KPB-3025ESGC Datasheet
489Kb / 5P
   3.0 X 2.5mm BI-COLOR SMD CHIP LED LAMPS
logo
HK TO-GRACE TECHNOLOGY ...
KPB-3025ESGC TO-GRACE-KPB-3025ESGC Datasheet
903Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
logo
Kingbright Corporation
KPB-3025ESGW KINGBRIGHT-KPB-3025ESGW Datasheet
489Kb / 5P
   3.0 X 2.5mm BI-COLOR SMD CHIP LED LAMPS
KPB-3025EYC KINGBRIGHT-KPB-3025EYC Datasheet
489Kb / 5P
   3.0 X 2.5mm BI-COLOR SMD CHIP LED LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com