Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3773
Description  COMPLEMENTARY POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3773 Datasheet(HTML) 2 Page - ON Semiconductor

  2N3773 Datasheet HTML 1Page - ON Semiconductor 2N3773 Datasheet HTML 2Page - ON Semiconductor 2N3773 Datasheet HTML 3Page - ON Semiconductor 2N3773 Datasheet HTML 4Page - ON Semiconductor 2N3773 Datasheet HTML 5Page - ON Semiconductor 2N3773 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N3773 2N6609
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (1)
*Collector–Emitter Breakdown Voltage
(IC = 0.2 Adc, IB = 0)
VCEO(sus)
140
Vdc
*Collector–Emitter Sustaining Voltage
(IC = 0.1 Adc, VBE(off) = 1.5 Vdc, RBE = 100 Ohms)
VCEX(sus)
160
Vdc
Collector–Emitter Sustaining Voltage
(IC = 0.2 Adc, RBE = 100 Ohms)
VCER(sus)
150
Vdc
*Collector Cutoff Current
(VCE = 120 Vdc, IB = 0)
ICEO
10
mAdc
*Collector Cutoff Current
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc)
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150_C)
ICEX
2
10
mAdc
Collector Cutoff Current
(VCB = 140 Vdc, IE = 0)
ICBO
2
mAdc
*Emitter Cutoff Current
(VBE = 7 Vdc, IC = 0)
IEBO
5
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
*(IC = 8 Adc, VCE = 4 Vdc)
(IC = 16 Adc, VCE = 4 Vdc)
hFE
15
5
60
Collector–Emitter Saturation Voltage
*(IC = 8 Adc, IB = 800 mAdc)
(IC = 16 Adc, IB = 3.2 Adc)
VCE(sat)
1.4
4
Vdc
*Base–Emitter On Voltage
(IC = 8 Adc, VCE = 4 Vdc)
VBE(on)
2.2
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common–Emitter
Small–Signal, Short–Circuit, Forward Current Transfer Ratio
(IC = 1 A, f = 50 kHz)
|hfe|
4
*Small–Signal Current Gain
(IC = 1 Adc, VCE = 4 Vdc, f = 1 kHz)
hfe
40
SECOND BREAKDOWN CHARACTERISTICS
Second Breakdown Collector Current with Base Forward Biased
t = 1 s (non–repetitive), VCE = 100 V, See Figure 12
IS/b
1.5
Adc
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle v 2%.
* Indicates JEDEC Registered Data.


Similar Part No. - 2N3773

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
   POWER TRANSISTORS(16A,140V,150W)
logo
Dc Components
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Central Semiconductor C...
2N3773 CENTRAL-2N3773 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
Wing Shing Computer Com...
2N3773 WINGS-2N3773 Datasheet
46Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Quanzhou Jinmei Electro...
2N3773 JMNIC-2N3773 Datasheet
178Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N3773

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com