Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N3773
Description  COMPLEMENTARY POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3773 Datasheet(HTML) 5 Page - ON Semiconductor

  2N3773 Datasheet HTML 1Page - ON Semiconductor 2N3773 Datasheet HTML 2Page - ON Semiconductor 2N3773 Datasheet HTML 3Page - ON Semiconductor 2N3773 Datasheet HTML 4Page - ON Semiconductor 2N3773 Datasheet HTML 5Page - ON Semiconductor 2N3773 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N3773 2N6609
5
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. ALL RULES AND NOTES ASSOCIATED WITH
REFERENCED TO–204AA OUTLINE SHALL APPLY.
STYLE 1:
PIN 1. BASE
2. EMITTER
CASE: COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.550 REF
39.37 REF
B
–––
1.050
–––
26.67
C
0.250
0.335
6.35
8.51
D
0.038
0.043
0.97
1.09
E
0.055
0.070
1.40
1.77
G
0.430 BSC
10.92 BSC
H
0.215 BSC
5.46 BSC
K
0.440
0.480
11.18
12.19
L
0.665 BSC
16.89 BSC
N
–––
0.830
–––
21.08
Q
0.151
0.165
3.84
4.19
U
1.187 BSC
30.15 BSC
V
0.131
0.188
3.33
4.77
A
N
E
C
K
–T– SEATING
PLANE
2 PL
D
M
Q
M
0.13 (0.005)
Y M
T
M
Y
M
0.13 (0.005)
T
–Q–
–Y–
2
1
U
L
G
B
V
H
CASE 1–07
TO–204AA (TO–3)
ISSUE Z


Similar Part No. - 2N3773

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
   POWER TRANSISTORS(16A,140V,150W)
logo
Dc Components
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Central Semiconductor C...
2N3773 CENTRAL-2N3773 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
logo
Wing Shing Computer Com...
2N3773 WINGS-2N3773 Datasheet
46Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Quanzhou Jinmei Electro...
2N3773 JMNIC-2N3773 Datasheet
178Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N3773

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com