Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC5050 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RC5050
Description  Programmable DC-DC Converter for Lo Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC5050 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RC5050 Datasheet HTML 4Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 5Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 6Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 9Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 10Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 11Page - List of Unclassifed Manufacturers RC5050 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
RC5050
PRODUCT SPECIFICATION
8
Table 3. RC5050 Application Bill of Materials for Intel Pentium II Processors
Notes:
1. In order to meet the voltage transient requirements for the Intel Pentium II Motherboard application, the equivalent ESR of the
output capacitors must not exceed 7.5m
Ω. In order to satisfy the specified Output Voltage Regulation requirements for
VOUT = 1.8V at 15A for next generation processors, the output capacitors must exhibit no more than 6.0m
Ω equivalent ESR
for a motherboard application. The use of the capacitors recommended in Table 1 will address this and other voltage
specifications without significant added cost, although it is left up to the user to specify the components used. Please refer to
Application Bulletin 5 for additional considerations required to meet the Intel Pentium II voltage transient specifications.
2. To optimize a converter for 15A at 1.8V output, fSW = 300 kHz, change the value of L1 to 1.24
µH.
3. Inductor L2 is recommended to isolate the 5V input supply from current surges caused by MOSFET switching. L2 is not
required for normal operation and may be omitted if desired.
4. For 15A designs using IR3103 MOSFETs, heat sinks with thermal resistance
ΘSA < 50°C/W should be used.
Reference
Manufacturer Part #
Description
Requirements/Comments
C4, C5, C7–C11
Panasonic
ECU-V1H104ZFX
0.1
µF 50V capacitor
Cext
Panasonic
ECU-V1H121JCG
100pF capacitor
C12, C6
Panasonic
ECSH1CY105R
1
µF 16V capacitor
CIN
Sanyo
10MV1200EG
1200
µF 10V electrolytic
capacitor 10mm x 20mm
ESR < 62m
See Table 2
COUT
Sanyo
6MV1500GX
1500
µF 6.3V electrolytic
capacitor 10mm x 20mm
ESR < 44m
See Note 1 and Table 2
DS1
Motorola MBR2015CT
Schottky Diode
Vf < 0.52 at If = 10A
D1
1N4735A
6.2V Zener Diode,
Motorola
L1
Skynet
320-8107
1.3
µH, 14A inductor
DCR ~ 2.5m
See Note 2
L2
Skynet
320-6110
2.5
µH, 11A inductor
DCR ~ 6m
See Note 3
M1, M2
International Rectifier
IRL3103
N-Channel Logic Level
Enhancement Mode MOSFET
RDS(ON) < 19m
VGS < 4.5V, ID = 15A
See Note 4
RSENSE
Copel
AWG#18
5.5m
Ω CuNi Alloy Wire Resistor
R5
Panasonic
ERJ-6GEY050Y
47
Ω 5% resistor
R6
Panasonic
ERJ-6ENF10.0KV
10K
Ω 5% resistor
Application Information
Simple Step-Down Converter
Figure 3. Simple Buck DC-DC Converter
Figure 3 illustrates a step-down DC-DC converter with no
feedback control. The derivation of the basic step-down
converter will serve as a basis for the design equations for
the RC5050. Referring to Figure 3, the basic operation
begins by closing the switch S1. When S1 is closed, the input
voltage VIN is impressed across inductor L1. The current
flowing in this inductor is given by the following equation:
where TON is the duty cycle (the time when S1 is closed).
C1
RL Vout
+
D1
VIN
65-5050-06
L1
S1
I
L
V
IN
V
OUT
(
)T
ON
L1
-----------------------------------------------
=


Similar Part No. - RC5050

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052M FAIRCHILD-RC5052M Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054 FAIRCHILD-RC5054 Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
More results

Similar Description - RC5050

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC5042 RAYTHEON-RC5042 Datasheet
254Kb / 6P
   Programmable DC-DC Converter
logo
ON Semiconductor
LV52134A ONSEMI-LV52134A Datasheet
845Kb / 15P
   Programmable DC-DC Converter
March 2017- Rev. P2
logo
C&D Technologies
6-PAK CANDD-6-PAK Datasheet
651Kb / 4P
   PROGRAMMABLE DC/DC CONVERTER
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
C&D Technologies
VRK81B080CS CANDD-VRK81B080CS Datasheet
109Kb / 4P
   Programmable, 80A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VRK81B100TH MURATA-PS-VRK81B100TH Datasheet
173Kb / 4P
   Programmable, 100A Single Output DC/DC Converter
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Murata Manufacturing Co...
MDC_VRK81B100CS MURATA-MDC_VRK81B100CS Datasheet
129Kb / 4P
   Programmable, 100A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VRK81B080CU MURATA-PS-VRK81B080CU Datasheet
166Kb / 4P
   Programmable, 80A Single Output DC/DC Converter
logo
Sanyo Semicon Device
2SJ637 SANYO-2SJ637 Datasheet
57Kb / 4P
   DC/DC FOR CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com