Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G74 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G74
Description  Single D-type flip-flop with set and reset; positive edge trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G74 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G74 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2005 Feb 01
3
Philips Semiconductors
Product specification
Single D-type flip-flop with set and
reset; positive edge trigger
74LVC1G74
FUNCTION TABLES
Table 1
Asynchronous operation. See note 1.
Table 2
Synchronous operation. See note 1.
Note to Tables 1 and 2
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
↑ = LOW-to-HIGH CP transition;
Qn+1 = state after the next LOW-to-HIGH CP transition.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
SD
RD
CP
D
Q
Q
LH
X
X
HL
HL
X
X
LH
LL
X
X
H
H
INPUT
OUTPUT
SD
RD
CP
D
Qn+1
Qn+1
HH
LL
H
HH
HH
L
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC1G74DP
−40 °C to +125 °C
8
TSSOP8
plastic
SOT505-2
V74
74LVC1G74DC
−40 °C to +125 °C
8
VSSOP8
plastic
SOT765-1
V74
74LVC1G74GT
−40 °C to +125 °C
8
XSON8
plastic
SOT833-1
V74
SYMBOL
PIN
DESCRIPTION
CP
1
clock input (LOW-to-HIGH, edge-triggered)
D
2
data input
Q
3
complement flip-flop output
GND
4
ground (0 V)
Q
5
true flip-flop output
RD
6
asynchronous reset-direct input (active LOW)
SD
7
asynchronous set-direct input (active LOW)
VCC
8
supply voltage


Similar Part No. - 74LVC1G74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC1G74 NXP-74LVC1G74 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC1G74 PHILIPS-74LVC1G74 Datasheet
166Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 10-2 December 2011
More results

Similar Description - 74LVC1G74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC2G74 PHILIPS-74LVC2G74 Datasheet
100Kb / 20P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 01-3 November 2005
logo
Nexperia B.V. All right...
74LVC1G74-Q100 NEXPERIA-74LVC1G74-Q100 Datasheet
245Kb / 16P
   Single D-type flip-flop with set and reset; positive edge trigger
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC2G74 NXP-74LVC2G74 Datasheet
104Kb / 19P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC2G74 NXP-74LVC2G74_09 Datasheet
123Kb / 21P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 06-23 December 2009
logo
Nexperia B.V. All right...
74LVC2G74-Q100 NEXPERIA-74LVC2G74-Q100 Datasheet
231Kb / 15P
   Single D-type flip-flop with set and reset; positive edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com