Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN12942B Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN12942B
Description  Audio signal processing IC for notebook PC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN12942B Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN12942B Datasheet HTML 1Page - Panasonic Semiconductor AN12942B Datasheet HTML 2Page - Panasonic Semiconductor AN12942B Datasheet HTML 3Page - Panasonic Semiconductor AN12942B Datasheet HTML 4Page - Panasonic Semiconductor AN12942B Datasheet HTML 5Page - Panasonic Semiconductor AN12942B Datasheet HTML 6Page - Panasonic Semiconductor AN12942B Datasheet HTML 7Page - Panasonic Semiconductor AN12942B Datasheet HTML 8Page - Panasonic Semiconductor AN12942B Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Publication date: June 2003
1
SDC00047AEB
ICs for Audio Common Use
AN12942B
Audio signal processing IC for notebook PC
Overview
AN12942B is an one-chip IC for the stereo speakers which can output 1 W by 8
Ω, headphone amplifiers, line amplifiers, and
electronic volumes.
The AGC circuit is built-in to prevent the resonance or the vibration by the speaker’s energy and the clipping distortion what is
called "broken up sound".
Also the AN12942B is built-in power saving on/off function automatically detecting input signal to save the power of speaker
amplifier.
Features
• Speaker amplifier
1 W
× 2-channel: 8 Ω, VCC = 5 V
• Built-in AGC circuit
Prevention of the resonance or the vibration due to the speaker and the clipping distortion by AGC at excessive input signal
(with AGC on/off switch).
• Built-in automatic power saving function.
It detects input signals and switches on/off (with the on/off switch for the auto power saving).
•Built-in headphone amplifier and line amplifier
Applications
• Notebook PC
Package
• Dual surface implementing package (HSOP056-P-0300A)
Type
• Silicon monolithic bipolar IC


Similar Part No. - AN12942B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1294 STMICROELECTRONICS-AN1294 Datasheet
1Mb / 20P
   During the last years
logo
Panasonic Semiconductor
AN12941A PANASONIC-AN12941A Datasheet
5Mb / 41P
   The AN12941A is an amplifier IC for stereo speakers which can output 1 W by 8 Ohm or 2 W by 4 Ohm
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN12948 PANASONIC-AN12948 Datasheet
260Kb / 8P
   Audio Power IC for Note PC
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
More results

Similar Description - AN12942B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
   Audio signal processing IC for notebook PC
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
logo
Sanyo Semicon Device
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
   Digital Surround Audio Signal-Processing IC
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com