Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS55107 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS55107
Description  Dual Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS55107 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS55107 Datasheet HTML 1Page - National Semiconductor (TI) DS55107 Datasheet HTML 2Page - National Semiconductor (TI) DS55107 Datasheet HTML 3Page - National Semiconductor (TI) DS55107 Datasheet HTML 4Page - National Semiconductor (TI) DS55107 Datasheet HTML 5Page - National Semiconductor (TI) DS55107 Datasheet HTML 6Page - National Semiconductor (TI) DS55107 Datasheet HTML 7Page - National Semiconductor (TI) DS55107 Datasheet HTML 8Page - National Semiconductor (TI) DS55107 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Switching Characteristics VCC
a
e
5V VCCb eb5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH(D)
Propagation Delay Time Low to
RL e 390X CL e 50 pF
(Note 3)
17
25
ns
High Level from Differential
(Note 1)
(Note 4)
19
25
ns
Inputs A and B to Output
tPHL(D)
Propagation Delay Time High to
RL e 390X CL e 50 pF
(Note 3)
17
25
ns
Low Level from Differential
(Note 1)
(Note 4)
19
25
ns
Inputs A and B to Output
tPLH(S)
Propagation Delay Time Low to
RL e 390X CL e 50 pF
(Note 3)
10
15
ns
High Level from Strobe Input G
(Note 4)
13
20
ns
or S to Output
tPHL(S)
Propagation Delay Time High to
RL e 390X CL e 50 pF
(Note 3)
8
15
ns
Low Level from Strobe Input G
(Note 4)
13
20
ns
or S to Output
Note 1
Differential input is a100 mV to b100 mV pulse Delays read from 0 mV on input to 15V on output
Note 2
Only one output at a time should be shorted
Note 3
DS55107DS75107 only
Note 4
DS75108 only
DS75208
Electrical Characteristics 0 C s TA s a70 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
High Level Input Current
VCCa e Max VCCb e Max
30
75
m
A
into A1 B1 A2 or B2
VID e 05V VIC eb3V to 3V
IIL
Low Level Input Current
VCCa e Max VCCb e Max
b
10
m
A
into A1 B1 A2 or B2
VID eb2V VIC eb3V to 3V
IIH
High Level Input Current
VCCa e Max
VIH(S) e 24V
40
m
A
into G1 or G2
VCCb e Max
VIH(S) e Max VCCa
1mA
IIL
Low Level Input Current
VCCa e Max VCCb e Max
b
16
mA
into G1 or G2
VIL(S) e 04V
IIH
High Level Input Current into S
VCCa e Max
VIH(S) e 24V
80
m
A
VCCb e Max
VIH(S) e Max VCCa
2mA
IIL
Low Level Input Current into S
VCCa e Max VCCb e Max
b
32
mA
VIL(S) e 04V
VOL
Low Level Output Voltage
VCCa e Min VCCb e Min
ISINK e 16 mA VID eb10 mV
04
V
VIC eb3V to 3V
IOH
High Level Output Current
VCCa e Min VCCb e Min
250
m
A
VOH e Max VCCa
ICCHa
High Logic Level Supply
VCCa e Max VCCb e Max
18
30
mA
Current from VCCa
VID e 10 mV TA e 25 C
ICCHb
High Logic Level Supply
VCCa e Max VCCb e Max
b
84
b
15
mA
Current from VCCb
VID e 10 mV TA e 25 C
VI
Input Clamp Voltage on G or S
VCCa e Min VCCb e Min
b
1
b
15
V
IIN eb12 mA TA e 25 C
http
www nationalcom
3


Similar Part No. - DS55107

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS55107AJ/883 NSC-DS55107AJ/883 Datasheet
227Kb / 9P
   Dual Line Receiver
More results

Similar Description - DS55107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com