Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N3904
Description  General Purpose Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3904 Datasheet(HTML) 4 Page - ON Semiconductor

  2N3904 Datasheet HTML 1Page - ON Semiconductor 2N3904 Datasheet HTML 2Page - ON Semiconductor 2N3904 Datasheet HTML 3Page - ON Semiconductor 2N3904 Datasheet HTML 4Page - ON Semiconductor 2N3904 Datasheet HTML 5Page - ON Semiconductor 2N3904 Datasheet HTML 6Page - ON Semiconductor 2N3904 Datasheet HTML 7Page - ON Semiconductor 2N3904 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N3903, 2N3904
http://onsemi.com
4
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
Figure 6. Rise Time
IC, COLLECTOR CURRENT (mA)
1.0
2.0 3.0
10
20
70
5
100
Figure 7. Storage Time
IC, COLLECTOR CURRENT (mA)
Figure 8. Fall Time
IC, COLLECTOR CURRENT (mA)
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC = 40 V
IC/IB = 10
VCC = 40 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
IC/IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V
IC/IB = 10
IC/IB = 20
IC/IB = 10
IC/IB = 20
t′s = ts - 1/8 tf
IB1 = IB2
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = 5.0 Vdc, TA = 25°C, Bandwidth = 1.0 Hz)
Figure 9.
f, FREQUENCY (kHz)
4
6
8
10
12
2
0.1
Figure 10.
RS, SOURCE RESISTANCE (k OHMS)
0
1.0
2.0
4.0
10
20
40
0.2
0.4
0
100
4
6
8
10
12
2
14
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200 W
IC = 1.0 mA
SOURCE RESISTANCE = 200 W
IC = 0.5 mA
SOURCE RESISTANCE = 500 W
IC = 100 mA
SOURCE RESISTANCE = 1.0 k
IC = 50 mA


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Daya Electric Group Co....
2N3904 DAYA-2N3904 Datasheet
188Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com