Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75108M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75108M
Description  Dual Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75108M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75108M Datasheet HTML 1Page - National Semiconductor (TI) DS75108M Datasheet HTML 2Page - National Semiconductor (TI) DS75108M Datasheet HTML 3Page - National Semiconductor (TI) DS75108M Datasheet HTML 4Page - National Semiconductor (TI) DS75108M Datasheet HTML 5Page - National Semiconductor (TI) DS75108M Datasheet HTML 6Page - National Semiconductor (TI) DS75108M Datasheet HTML 7Page - National Semiconductor (TI) DS75108M Datasheet HTML 8Page - National Semiconductor (TI) DS75108M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCCa
7V
Supply Voltage VCCb
b
7V
Differential Input Voltage
g
6V
Common Mode Input Voltage
g
5V
Strobe Input Voltage
55V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1308 mW
Molded Package
1207 mW
Lead Temperature (Soldering 4 sec)
260 C
Derate cavity package 87 mW C above 25 C derate molded package 97
mW C above 25 C
Operating Conditions
DS55107
DS75107
DS75108 DS75208
Min
Nom
Max
Min
Nom
Max
Supply Voltage VCCa
45V
5V
55V
475V
5V
525V
Supply Voltage VCCb
b
45V
b
5V
b
55V
b
475V
b
5V
b
525V
Operating Temperature Range
b
55 Cto
a
125 C0 Cto
a
70 C
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS55107 and across the 0 Cto a70 C range for
the DS75107 DS75108 and DS75208 All typical values are for TA e 25 C and VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
DS55107DS75107 DS75108
Electrical Characteristics TMIN s TA s TMAX (Notes 2 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
High Level Input Current
VCCa e Max VCCb e Max
30
75
m
A
into A1 B1 A2 or B2
VID e 05V VIC eb3V to 3V
IIL
Low Level Input Current
VCCa e Max VCCb e Max
b
10
m
A
into A1 B1 A2 or B2
VID eb2V VIC eb3V to 3V
IIH
High Level Input Current
VCCa e Max
VIH(S) e 24V
40
m
A
into G1 or G2
VCCb e Max
VIH(S) Max VCCa
1mA
IIL
Low Level Input Current
VCCa e Max VCCb e Max
b
16
mA
into G1 or G2
VIL(S) e 04V
IIH
High Level Input Current into S
VCCa e Max
VIH(S) e 24V
80
m
A
VCCb e Max
VIH(S) e Max VCCa
2mA
IIL
Low Level Input Current into S
VCCa e Max VCCb e Max
b
32
mA
VIL(S) e 04V
VOH
High Level Output Voltage
VCCa e Min VCCb e Min
ILOAD eb400 mA VID e 25 mV
24
V
VIC eb3V to 3V (Note 3)
VOL
Low Level Output Voltage
VCCa e Min VCCb e Min
ISINK e 16 mA VID eb25 mV
04
V
VIC eb3V to 3V
IOH
High Level Output Current
VCCa e Min VCCb e Min
250
m
A
VOH e Max VCCa (Note 4)
IOS
Short Circuit Output Current
VCCa e Max VCCb e Max
b
18
b
70
mA
(Notes 2 and 3)
ICCHa
High Logic Level Supply
VCCa e Max VCCb e Max
18
30
mA
Current from VCC
VID e 25 mV TA e 25 C
ICCHb
High Logic Level Supply
VCCa e Max VCCb e Max
b
84
b
15
mA
Current from VCC
VID e 25 mV TA e 25 C
VI
Input Clamp Voltage on G or S
VCCa e Min VCCb e Min
b
1
b
15
V
IIN eb12 mA TA e 25 C
http
www nationalcom
2


Similar Part No. - DS75108M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
DS75107M NSC-DS75107M Datasheet
227Kb / 9P
   Dual Line Receiver
DS75107N NSC-DS75107N Datasheet
227Kb / 9P
   Dual Line Receiver
More results

Similar Description - DS75108M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com