Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC80C52-24PQ Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IC80C52-24PQ
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C52-24PQ Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IC80C52-24PQ Datasheet HTML 1Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 2Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 3Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Integrated Circuit Solution Inc.
1
MC002-0B
IC80C52
IC80C32
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
IC80C52
IC80C32
CMOS SINGLE CHIP
8-BIT MICROCONTROLLER
FEATURES
• 80C52 based architecture
• 8K x 8 ROM (IC80C52 only)
• 256 x 8 RAM
• Three 16-bit Timer/Counters
• Full duplex serial channel
• Boolean processor
• Four 8-bit I/O ports, 32 I/O lines
• Memory addressing capability
– 64K ROM and 64K RAM
• Program memory lock
– Encrypted verify (32 bytes)
– Lock bits (2)
Power save modes:
– Idle and power-down
• Eight interrupt sources
• Most instructions execute in 0.3 µs
• CMOS and TTL compatible
• Maximum speed: 40 MHz @ Vcc = 5V
• Packages available:
– 40-pin DIP
– 44-pin PLCC
– 44-pin PQFP
GENERAL DESCRIPTION
The
ICSI IC80C52 and IC80C32 are high-performance
microcontroller fabricated using high-density CMOS
technology. The CMOS IC80C52/32 is functionally
compatible with is the industry standard 80C52/32
microcontrollers.
The IC80C52/32 is designed with 8K x 8 ROM (IC80C52
only); 256 x 8 RAM; 32 programmable I/O lines; a serial I/
O port for either multiprocessor communications, I/O
expansion or full duplex UART; three 16-bit timer/counters;
an eight-source, two-priority-level, nested interrupt
structure; and an on-chip oscillator and clock circuit. The
IC80C52/32 can be expanded using standard TTL
compatible memory.
Figure 1. IC80C52/32 Pin Configuration: 40-pin DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
T2/P1.0
T2EX/P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
GND
VCC
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA
ALE
PSEN
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8


Similar Part No. - IC80C52-24PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PL ICSI-IC80C51-12PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PQ ICSI-IC80C51-12PQ Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12W ICSI-IC80C51-12W Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-24PL ICSI-IC80C51-24PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IC80C52-24PQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com