Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC80C52-24PQ Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC80C52-24PQ
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C52-24PQ Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IC80C52-24PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 11Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 12Page - Integrated Circuit Solution Inc IC80C52-24PQ Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Integrated Circuit Solution Inc.
9
MC002-0B
IC80C52
IC80C32
initiates the transmission.) When data is moved from
SBUF, it comes from the receive buffer.
Timer Registers
Register pairs (TH0, TL0) and (TH1, TL1),and (TH2, TL2)
are the 16-bit Counter registers for Timer/Counters 0,1 and
2, respectively.
Capture Registers
The register pair (RCAP2H, RCAP2L) are the Capture
registers for the Timer 2 Capture Mode. In this mode, in
response to a transition at the IC80C52/32's T2EX pin, TH2
and TL2 are copied into RCAP2H and RCAP2L. Timer 2
also has a 16-bit auto-reload mode, and RCAP2H and
RCAP2L hold the reload value for this mode.
Control Registers
Special Function Registers IP, IE, TMOD, TCON, T2CON,
SCON, and PCON contain control and status bits for the
interrupt system, the Timer/Counters, and the serial port.
They are described in later sections of this chapter.
SPECIAL FUNCTION REGISTERS
(Continued)
Stack Pointer (SP)
The Stack Pointer Register is eight bits wide. It is
incremented before data is stored during PUSH and CALL
executions. While the stack may reside anywhere in on-
chip RAM, the Stack Pointer is initialized to 07H after a
reset. This causes the stack to begin at location 08H.
Data Pointer (DPTR)
The Data Pointer consists of a high byte (DPH) and a low
byte (DPL). Its function is to hold a 16-bit address. It may
be manipulated as a 16-bit register or as two independent
8-bit registers.
Ports 0 To 3
P0, P1, P2, and P3 are the SFR latches of Ports 0, 1, 2, and
3, respectively.
Serial Data Buffer (SBUF)
The Serial Data Buffer is actually two separate registers, a
transmit buffer and a receive buffer register. When data is
moved to SBUF, it goes to the transmit buffer, where it is
held for serial transmission. (Moving a byte to SBUF


Similar Part No. - IC80C52-24PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PL ICSI-IC80C51-12PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12PQ ICSI-IC80C51-12PQ Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-12W ICSI-IC80C51-12W Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51-24PL ICSI-IC80C51-24PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IC80C52-24PQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com