Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M390S2858ETU Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M390S2858ETU
Description  168pin Registered Module based on 256Mb E-die with 72-bit ECC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M390S2858ETU Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M390S2858ETU Datasheet HTML 6Page - Samsung semiconductor M390S2858ETU Datasheet HTML 7Page - Samsung semiconductor M390S2858ETU Datasheet HTML 8Page - Samsung semiconductor M390S2858ETU Datasheet HTML 9Page - Samsung semiconductor M390S2858ETU Datasheet HTML 10Page - Samsung semiconductor M390S2858ETU Datasheet HTML 11Page - Samsung semiconductor M390S2858ETU Datasheet HTML 12Page - Samsung semiconductor M390S2858ETU Datasheet HTML 13Page - Samsung semiconductor M390S2858ETU Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
256MB, 512MB, 1GB Registered DIMM
Rev. 1.4 May 2004
SDRAM
FUNCTIONAL BLOCK DIAGRAM
512MB, 64Mx72 ECC Module (M390S6453ET1) (Populated as 2 bank of x8 SDRAM Module)
10
10
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D0
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D1
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D2
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D5
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D4
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D6
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D8
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D7
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D9
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D10
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D11
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D12
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D14
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D13
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D15
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D17
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D16
CDCF2510
IY0
IY1
IY2
IY3
IY4
2Y0
2Y1
CLK
FIBIN
VSS
10
VDD
CLK0
10
10
10
10
10
10
10
10
10
10
10
10
10
FBOUT
PCLK0
PCLK1
PCLK2
PCLK3
PCLK4
PCLK5
PCLK6
10
A3~A10,BA0
74ALVCF162835
A11,A12,BA1
CS2
CKE0
DQM2,3,6,7
B0A0,B0A1,B0A2
B1A0,B1A1,B1A2
B0RAS, B0CAS, B0WE
B1RAS, B1CAS, B1WE
BCS0
BDQM0,1,4,5
VDD
10k
OE
LE
74ALVCF162835
OE
LE
PCLK6
REGE
74ALVCF162835
OE
LE
A0,A1,A2
RAS,CAS,WE
12pF
10
B0A11.B0A12.B0BA1
B1A11.B1A12.B1BA1
BCS2
B0CKE0
B1CKE0
BDQM2,3,6,7
B0A3~B0A10,B0BA0
B1A3~B1A10,B1BA0
CS0
DQM0,1,4,5
10
10
CLK1,2,3
12pF
Note
1. The actual values of Cb will depend upon the PLL chosen.
Cb*1
Serial PD
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
WP
47K
PCLK0
BCS0
B0CKE0
B0A0~B0A12,B0BA0,B0BA1,B0RAS,B0CAS,B0WE
BDQM0
DQ0~3
DQ4~7
PCLK1
BDQM1
DQ8~11
PCLK2
DQ12~15
CB0~3
PCLK3
BCS2
DQ16~19
PCLK4
BDQM2
DQ20~23
DQ24~27
PCLK5
B1A0~B1A12,B1BA0,B1BA1,B1RAS,B1CAS,B1WE
BDQM3
DQ28~31
B1CKE0
BDQM4
DQ32~35
DQ36~39
BDQM5
DQ40~43
DQ44~47
CB4~7
DQ48~51
BDQM6
DQ52~55
DQ56~59
BDQM7
DQ60~63


Similar Part No. - M390S2858ETU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S2858CT1 SAMSUNG-M390S2858CT1 Datasheet
239Kb / 12P
    SDRAM DIMM
M390S2858CT1-C7A SAMSUNG-M390S2858CT1-C7A Datasheet
239Kb / 12P
    SDRAM DIMM
M390S2858CT1-C7C SAMSUNG-M390S2858CT1-C7C Datasheet
239Kb / 12P
    SDRAM DIMM
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C1H SAMSUNG-M390S2858CTU-C1H Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
More results

Similar Description - M390S2858ETU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com