Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS55107J Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS55107J
Description  Dual Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS55107J Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS55107J Datasheet HTML 2Page - National Semiconductor (TI) DS55107J Datasheet HTML 3Page - National Semiconductor (TI) DS55107J Datasheet HTML 4Page - National Semiconductor (TI) DS55107J Datasheet HTML 5Page - National Semiconductor (TI) DS55107J Datasheet HTML 6Page - National Semiconductor (TI) DS55107J Datasheet HTML 7Page - National Semiconductor (TI) DS55107J Datasheet HTML 8Page - National Semiconductor (TI) DS55107J Datasheet HTML 9Page - National Semiconductor (TI) DS55107J Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Applications (Continued)
swing is symmetrical about it for maximum noise margin
The reference voltage should be in the range of b30V to
a
30V It can be provided by a voltage supply or by a volt-
age divider from an available supply voltage
Unbalanced or Single-Line Systems
TLF9446 – 4
Precautions in the Use of DS1603 DS3603 DS55107
DS75107 DS75108 and DS75208 Dual Line Receivers
The following precaution should be observed when using or
testing DS55107 DS75107 line circuits
When only one receiver in a package is being used at least
one of the differential inputs of the unused receiver should
be terminated at some voltage between b30V and a30V
preferably at ground Failure to do so will cause improper
operation of the unit being used because of common bias
circuitry for the current sources of the two receivers
The DS55107 DS75107 and DS75108 line receivers fea-
ture a common mode input voltage range of g30V This
satisfies the requirements for all but the noisiest system ap-
plications For these severe noise environments the com-
mon mode range can be extended by the use of external
input attenuators Common mode input voltages can in this
way be reduced to g30V at the receiver input terminals
Differential data signals will be reduced proportionately In-
put sensitivity input impedance and delay times will be ad-
versely affected
The DS75108 line receivers feature an open-collector-out-
put circuit that can be connected in the DOT-OR logic con-
figuration with other DS75108 outputs This allows a level of
logic to be implemented without addtional logic delay
Increasing Common Mode Input
Voltage Range of Receiver
TLF9446 – 5
DS75108 Wired-OR Output Connections
TLF9446 – 6
Circuit Differences Between ‘‘A’’ and Standard Devices
The difference between the ‘‘A’’ and standard devices is
shown in the following schematics of the input stage
‘‘A’’ Devices
TLF9446 – 7
Standard Devices
TLF9446 – 8
http
www nationalcom
6


Similar Part No. - DS55107J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS55107AJ/883 NSC-DS55107AJ/883 Datasheet
227Kb / 9P
   Dual Line Receiver
More results

Similar Description - DS55107J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com