Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H200CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR20H200CT
Description  Dual High-Voltage Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR20H200CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR20H200CT Datasheet HTML 1Page - Vishay Siliconix MBR20H200CT Datasheet HTML 2Page - Vishay Siliconix MBR20H200CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR20H200CT, MBRF20H200CT & MBRB20H200CT-1 Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88786
www.vishay.com
02-Jun-04
3
0.1
0.3
0.2
0.4
0.6
0.8
1.0
0.5
0.7
0.9
1.1
100
10
0.1
1
0.1
0.01
1
10
100
1,000
0.01
1
100
10
10
100
0.1
0.1
1
Fig. 3 – Typical Instantaneous
Forward Characteristics
1
10
100
100
1000
10000
0.1
10
Reverse Voltage (V)
10
20
30
50
70
100
40
60
80
90
Fig. 4 – Typical Reverse
Characteristics
Fig. 6 – Typical Transient
Thermal Impedance Per Leg
t -- Pulse Duration (sec.)
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
0
5
10
15
20
25
25
50
75
100
125
150
175
Case Temperature (°C)
0
25
50
75
100
125
150
175
200
225
250
275
300
325
1
10
100
Number of Cycles at 60 HZ
Fig. 5 – Typical Junction Capacitance
Fig. 1 – Forward Derating Curve
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current
350
10,000
TJ = 175°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
MBRF
MBR, MBRB
MBRF
MBR, MBRB
TJ = 175°C
TJ = 25°C
TJ = 75°C
TJ = 125°C
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Similar Part No. - MBR20H200CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR20H200CT TSC-MBR20H200CT Datasheet
444Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 4P
   Guarding for overvoltage protection
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
125Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 27-Jul-07
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
128Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
More results

Similar Description - MBR20H200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
   High-Voltage Dual Schottky Rectifiers
02-Jul-02
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBRB25H60CT VISHAY-MBRB25H60CT Datasheet
95Kb / 3P
   Dual High-Voltage Schottky Rectifiers
7-May-03
MBR20H150CT VISHAY-MBR20H150CT Datasheet
76Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Dec-03
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR60100CT VISHAY-MBR60100CT Datasheet
79Kb / 2P
   Dual High-Voltage Schottky Rectifiers
10-May-04
MBR30H100CT VISHAY-MBR30H100CT Datasheet
81Kb / 3P
   High-Voltage Dual Schottky Rectifiers
11-Jul-03
MBR30H150CT1 VISHAY-MBR30H150CT1 Datasheet
88Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Dec-03
MBRB10H100CT VISHAY-MBRB10H100CT Datasheet
78Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Apr-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com