Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5008DMR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5008DMR2
Description  Backlight LED Boost Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5008DMR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5008DMR2 Datasheet HTML 1Page - ON Semiconductor NCP5008DMR2 Datasheet HTML 2Page - ON Semiconductor NCP5008DMR2 Datasheet HTML 3Page - ON Semiconductor NCP5008DMR2 Datasheet HTML 4Page - ON Semiconductor NCP5008DMR2 Datasheet HTML 5Page - ON Semiconductor NCP5008DMR2 Datasheet HTML 6Page - ON Semiconductor NCP5008DMR2 Datasheet HTML 7Page - ON Semiconductor NCP5008DMR2 Datasheet HTML 8Page - ON Semiconductor NCP5008DMR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2003
August, 2003 − Rev. 4
1
Publication Order Number:
NCP5008/D
NCP5008, NCP5009
Backlight LED Boost Driver
The NCP5008/NCP5009 is a high efficiency boost converter
operating in current loop control mode to drive Light Emitting
Diode. The current mode regulation allows a uniform brightness of
the LEDs.
Features
2.7 to 6.0 V Input Voltage Range
Output Voltage from V
bat to 15 V
3.0 mA Quiescent Supply Current
Automatically LEDs Current Matching
No External Sense Resistor
Includes Dimming Function
Programmable or Automatic Current Output Mode
LOCAL or REMOTE Control Facility
Photo Transistor Sense Feedback Input
Inductor Based Converter brings High Efficiency
Low Noise DC/DC Converter
All Pins are Fully ESD Protected
Typical Applications
LED Display Back Light Control
High Efficiency Step Up Converter
Figure 1. Typical Battery Powered LED Boost Driver
Iref
PHOTO
L2
CS
CLK
1
2
Q1
NPN−PHOTO
GND
4
Vbat
3
5
6
LOCAL
GND
7
4
8
GND
L1
9
Vbat
10
R1
30 k
GND
Vcc
GND
NCP5009
L1
22
mH
Vbat
C1
10
mF/6.3 V
GND
D5 MBR0520
LED
D1
LED
D2
LED
D3
LED
D4
2.2
mF/16 V
C2
GND
U1
VBIAS
Micro 10
DM SUFFIX
CASE 846B
PIN CONNECTIONS
Iref
Vbat
NC
CS
VBIAS
L1
L2 Iout
GND
110
2
3
4
9
8
7
10
1
5Tx
AYW
MARKING
DIAGRAM
x
= Device Number 8 or 9
A
= Assembly Location
Y
= Year
W
= Work Week
CLOCK
5
LOCAL
6
Iref
Vbat
Photo
CS
VBIAS
L1
L2 Iout
GND
110
2
3
4
9
8
7
CLOCK
5
LOCAL
6
NCP5008
NCP5009
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - NCP5008DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008DMR2 ONSEMI-NCP5008DMR2 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
NCP5008DMR2G ONSEMI-NCP5008DMR2G Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results

Similar Description - NCP5008DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5007 ONSEMI-NCP5007 Datasheet
157Kb / 22P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 4
NCP5007 ONSEMI-NCP5007_06 Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5006 ONSEMI-NCP5006 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com