Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC80C32-12W Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IC80C32-12W
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C32-12W Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IC80C32-12W Datasheet HTML 6Page - Integrated Circuit Solution Inc IC80C32-12W Datasheet HTML 7Page - Integrated Circuit Solution Inc IC80C32-12W Datasheet HTML 8Page - Integrated Circuit Solution Inc IC80C32-12W Datasheet HTML 9Page - Integrated Circuit Solution Inc IC80C32-12W Datasheet HTML 10Page - Integrated Circuit Solution Inc IC80C32-12W Datasheet HTML 11Page - Integrated Circuit Solution Inc IC80C32-12W Datasheet HTML 12Page - Integrated Circuit Solution Inc IC80C32-12W Datasheet HTML 13Page - Integrated Circuit Solution Inc IC80C32-12W Datasheet HTML 14Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
IC80C52
IC80C32
10
Integrated Circuit Solution Inc.
MC002-0B
Table 2. Special Function Registers
Symbol
Description
Direct Address
Bit Address, Symbol, or Alternative Port Function
Reset Value
ACC(1)
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
B(1)
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
DPH
Data pointer (DPTR) high
83H
00H
DPL
Data pointer (DPTR) low
82H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IE(1)
Interrupt enable
A8H
EA
ES
ET1
EX1
ET0
EX0
0XX00000B
BF
BE
BD
BC
BB
BA
B9
B8
IP(1)
Interrupt priority
B8H
PS
PT1
PX1
PT0
PX0
XXX00000B
87
86
85
84
83
82
81
80
P0(1)
Port 0
80H
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2 P0.1 P0.0
FFH
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
97
96
95
94
93
92
91
90
P1(1)
Port 1
90H
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2 P1.1 P1.0
FFH
——
————
A7
A6
A5
A4
A3
A2
A1
A0
P2(1)
Port 2
A0H
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2 P2.1 P2.0
FFH
AD15 AD14
AD13 AD12 AD11 AD10 AD9
AD8
B7
B6
B5
B4
B3
B2
B1
B0
P3(1)
Port 3
B0H
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2 P3.1 P3.0
FFH
RD
WR
T1
T0
INT1 INT0 TXD RXD
PCON
Power control
87H
SMOD
GF1
GF0
PD
IDL
0XXX0000B
D7
D6
D5
D4
D3
D2
D1
D0
PSW(1)
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
P
00H
SBUF
Serial data buffer
99H
XXXXXXXXB
9F
9E
9D
9C
9B
9A
99
98
SCON(1)
Serial controller
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SP
Stack pointer
81H
07H
8F
8E
8D
8C
8B
8A
89
88
TCON(1)
Timer control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TMOD
Timer mode
89H
GATE
C/
T
M1
M0
GATE
C/
T
M1
M0
00H
CF
CE
CD
CC
CB
CA
C9
C8
T2CON(1,2)
Timer/Counter 2
C8H
00H
TH0
Timer high 0
8CH
00H
TH1
Timer high 1
8DH
00H
TH2(2)
Timer high 2
8DH
TL0
Timer low 0
8AH
00H
TL1
Timer low 1
8BH
00H
RCAP2H(2)
Capture high
CAH
00H
RCAP2L(2)
Capture low
CBH
00H
TL2(2)
Timer low 2
CCH
00H
Notes:
1. Denotes bit addressable.
2. SFRs are added to the 80C51 SFRs.


Similar Part No. - IC80C32-12W

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC80C31 ICSI-IC80C31 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C31-12PL ICSI-IC80C31-12PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C31-12PQ ICSI-IC80C31-12PQ Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C31-12W ICSI-IC80C31-12W Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C31-24PL ICSI-IC80C31-24PL Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - IC80C32-12W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com