Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L3324CU0-LB0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M470L3324CU0-LB0
Description  DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3324CU0-LB0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M470L3324CU0-LB0 Datasheet HTML 7Page - Samsung semiconductor M470L3324CU0-LB0 Datasheet HTML 8Page - Samsung semiconductor M470L3324CU0-LB0 Datasheet HTML 9Page - Samsung semiconductor M470L3324CU0-LB0 Datasheet HTML 10Page - Samsung semiconductor M470L3324CU0-LB0 Datasheet HTML 11Page - Samsung semiconductor M470L3324CU0-LB0 Datasheet HTML 12Page - Samsung semiconductor M470L3324CU0-LB0 Datasheet HTML 13Page - Samsung semiconductor M470L3324CU0-LB0 Datasheet HTML 14Page - Samsung semiconductor M470L3324CU0-LB0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DDR SDRAM
256MB, 512MB Unbuffered SODIMM
Rev. 1.2 June 2005
Parameter
Symbol
CC
(DDR400@CL=3.0)
B3
(DDR333@CL=2.5)
A2
(DDR266@CL=2.0)
B0
(DDR266@CL=2.5) Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Row cycle time
tRC
55
60
65
65
ns
Refresh row cycle time
tRFC
70
72
75
75
ns
Row active time
tRAS
40
70K
42
70K
45
70K
45
70K
ns
RAS to CAS delay
tRCD
15
18
20
20
ns
Row precharge time
tRP
15
18
20
20
ns
Row active to Row active delay
tRRD
10
12
15
15
ns
Write recovery time
tWR
15
15
15
15
ns
Last data in to Read command
tWTR
2
1
1
1
tCK
Clock cycle time
CL=2.0
tCK
-
-
7.5
12
7.5
12
10
12
ns
CL=2.5
612612
7.5
12
7.5
12
ns
CL=3.0
5
10
-
-
----
Clock high level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock low level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
DQS-out access time from CK/CK
tDQSCK
-0.55
+0.55
-0.6
+0.6
-0.75
+0.75
-0.75
+0.75
ns
Output data access time from CK/CK
tAC
-0.65
+0.65
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
ns
Data strobe edge to ouput data edge
tDQSQ
-
0.4
-
0.45
-
0.5
-
0.5
ns
22
Read Preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read Postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
CK to valid DQS-in
tDQSS
0.72
1.28
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS-in setup time
tWPRES
0
0
0
0
ns
13
DQS-in hold time
tWPRE
0.25
0.25
0.25
0.25
tCK
DQS falling edge to CK rising-setup time
tDSS
0.2
0.2
0.2
0.2
tCK
DQS falling edge from CK rising-hold time
tDSH
0.2
0.2
0.2
0.2
tCK
DQS-in high level width
tDQSH
0.35
0.35
0.35
0.35
tCK
DQS-in low level width
tDQSL
0.35
0.35
0.35
0.35
tCK
Address and Control Input setup time(fast)
tIS
0.6
0.75
0.9
0.9
ns
15, 17~19
Address and Control Input hold time(fast)
tIH
0.6
0.75
0.9
0.9
ns
15, 17~19
Address and Control Input setup
tIS
0.7
0.8
1.0
1.0
ns
16~19
Address and Control Input hold time(slow)
tIH
0.7
0.8
1.0
1.0
ns
16~19
Data-out high impedence time from CK/CK
tHZ
-0.65
+0.65
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
ns
11
Data-out low impedence time from CK/CK
tLZ
-0.65
+0.65
-0.7
+0.7
-0.75
+0.75
-0.75
+0.75
ns
11
Mode register set cycle time
tMRD
10
12
15
15
ns
DQ & DM setup time to DQS
tDS
0.4
0.45
0.5
0.5
ns
j, k
DQ & DM hold time to DQS
tDH
0.4
0.45
0.5
0.5
ns
j, k
Control & Address input pulse width
tIPW
2.2
2.2
2.2
2.2
ns
18
DQ & DM input pulse width
tDIPW
1.75
1.75
1.75
1.75
ns
18
Exit self refresh to non-Read command
tXSNR
75
75
75
75
ns
Exit self refresh to read command
tXSRD
200
200
200
200
tCK
Refresh interval time
tREFI
7.8
7.8
7.8
7.8
us
14
Output DQS valid window
tQH
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-ns
21
Clock half period
tHP
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
ns
20, 21
Data hold skew factor
tQHS
0.5
0.55
0.75
0.75
ns
21
DQS write postamble time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
12
Active to Read with Auto precharge
command
tRAP
15
18
20
20
Autoprecharge write recovery +
Precharge time
tDAL
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
tCK
23
12.0 AC Timming Parameters & Specifications


Similar Part No. - M470L3324CU0-LB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3324BT SAMSUNG-M470L3324BT Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M470L3324BT0-CA2 SAMSUNG-M470L3324BT0-CA2 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M470L3324BT0-CB0 SAMSUNG-M470L3324BT0-CB0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M470L3324BT0-CB3 SAMSUNG-M470L3324BT0-CB3 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M470L3324BT0-CCC SAMSUNG-M470L3324BT0-CCC Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
More results

Similar Description - M470L3324CU0-LB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3324BT SAMSUNG-M470L3324BT Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L3223ETN SAMSUNG-M368L3223ETN Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com