Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM248NBK36R Datasheet(PDF) 10 Page - Texas Instruments

Part # TM248NBK36R
Description  DYNAMIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM248NBK36R Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM248NBK36R Datasheet HTML 3Page - Texas Instruments TM248NBK36R Datasheet HTML 4Page - Texas Instruments TM248NBK36R Datasheet HTML 5Page - Texas Instruments TM248NBK36R Datasheet HTML 6Page - Texas Instruments TM248NBK36R Datasheet HTML 7Page - Texas Instruments TM248NBK36R Datasheet HTML 8Page - Texas Instruments TM248NBK36R Datasheet HTML 9Page - Texas Instruments TM248NBK36R Datasheet HTML 10Page - Texas Instruments TM248NBK36R Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TM124MBK36B, TM124MBK36R 1048576 BY 36-BIT
TM248NBK36B, TM248NBK36R 2097152 BY 36-BIT
DYNAMIC RAM MODULE
SMMS137E – JANUARY 1991 – REVISEDJUNE 1995
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (continued)
’124MBK36B-60
’248NBK36B-60
’124MBK36B-70
’248NBK36B-70
’124MBK36B-80
’248NBK36B-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tCAH
Hold time, column address after CAS low
10
15
15
ns
tDHR
Hold time, data after RAS low (see Note 10)
50
55
60
ns
tDH
Hold time, data
10
15
15
ns
tAR
Hold time, column address after RAS low (see Note 10)
50
55
60
ns
tCLCH
Hold time, CAS low to CAS high
5
5
5
ns
tRAH
Hold time, row address after RAS low
10
10
10
ns
tRCH
Hold time, read after CAS high (see Note 11)
0
0
0
ns
tRRH
Hold time, read after RAS high (see Note 11)
0
0
0
ns
tWCH
Hold time, write after CAS low
15
15
15
ns
tWCR
Hold time, write after RAS low (see Note 10)
50
55
60
ns
tWHR
Hold time, W high (see Note 9)
10
10
10
ns
tCHR
Delay time, RAS low to CAS high (see Note 9)
15
15
20
ns
tCRP
Delay time, CAS high to RAS low
0
0
0
ns
tCSH
Delay time, RAS low to CAS high
60
70
80
ns
tCSR
Delay time, CAS low to RAS low (see Note 9)
10
10
10
ns
tRAD
Delay time, RAS low to column address (see Note 12)
15
30
15
35
15
40
ns
tRAL
Delay time, column address to RAS high
30
35
40
ns
tCAL
Delay time, column address to CAS high
30
35
40
ns
tRCD
Delay time, RAS low to CAS low (see Note 12)
20
45
20
52
20
60
ns
tRPC
Delay time, RAS high to CAS low (see Note 9)
0
0
0
ns
tRSH
Delay time, CAS low to RAS high
15
18
20
ns
tREF
Refresh time interval
16
16
16
ms
tT
Transition time
2
50
2
50
2
50
ns
NOTES:
9. CBR refresh only
10. The minimum value is measured when tRCD is set to tRCD min as a reference.
11. Either tRRH or tRCH must be satisfied for a read cycle.
12. The maximum value is specified only to assure access time.
device symbolization (TM124MBK36B illustrated)
TM124MBK36B
–SS
YYMMT
YY = Year Code
MM = Month Code
T = Assembly Site Code
–SS = Speed Code
NOTE: Location of symbolization may vary.


Similar Part No. - TM248NBK36R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248NBK36C TI1-TM248NBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36E TI1-TM248NBK36E Datasheet
175Kb / 12P
[Old version datasheet]   36-BIT DYNAMIC RAM MODULE
TM248NBK36F TI1-TM248NBK36F Datasheet
138Kb / 9P
[Old version datasheet]   36-BIT DRAM MODULE
TM248NBK36F-60 TI1-TM248NBK36F-60 Datasheet
138Kb / 9P
[Old version datasheet]   36-BIT DRAM MODULE
TM248NBK36F-70 TI1-TM248NBK36F-70 Datasheet
138Kb / 9P
[Old version datasheet]   36-BIT DRAM MODULE
More results

Similar Description - TM248NBK36R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBJ36F TI1-TM124MBJ36F Datasheet
164Kb / 10P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36C TI1-TM124MBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124FBK32F TI1-TM124FBK32F Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM893CBK32 TI-TM893CBK32 Datasheet
119Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com