Electronic Components Datasheet Search |
|
AAT3511IGV-3.90-A-C-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies |
|
AAT3511IGV-3.90-A-C-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies |
4 / 12 page AAT3510/1/2/3/4/5/6/7/8/9 Micropower µP Reset with Watchdog Timer 4 3510.2004.08.1.4 Electrical Characteristics (V CC = 2.5V to 5.5V, TA = -40 to +85ºC 1 unless otherwise noted. Typical values are at TA=25°C ) Symbol Description Conditions Min Typ Max Units Push/Pull RESET Output (AAT3510, 3512, 3513, 3514, 3515, 3516, 3518, 3519) VCC ≥ 1.0V, ISINK = 50µA 0.3 VCC ≥ 1.2V, ISINK = 100µA 0.3 VOL RESET Low Output Voltage VCC ≥ 2.7V, ISINK = 1.2mA 0.3 V VCC ≥ 4.5V, ISINK = 3.2mA 0.4 VOH RESET High Output Voltage VCC ≥ 2.7V, ISOURCE = 500µA 0.8 x VCC V VCC ≥ 4.5V, ISOURCE = 800µA VCC - 1.5 VCC ≥ 2.7V, ISINK = 1.2mA 0.3 RESET Low Output Voltage VCC ≥ 4.5V, ISINK = 3.2mA 0.4 VOH VCC ≥ 1.8V, ISOURCE = 150µA 0.8 x VCC V RESET High Output Voltage VCC ≥ 2.7V, ISOURCE = 500µA 0.8 x VCC VCC ≥ 4.5V, ISOURCE = 800µA VCC - 1.5 Bidirectional RESET Output (AAT3511, 3514, 3516) tS Transition Flip-Flop Setup Time2 400 ns VCC = 3.0V, CL = 120pF 333 tR RESET Output Rise Time3 VCC = 5.0V, CL = 200pF 333 ns VCC = 3.0V, CL = 250pF 666 VCC = 5.0V, CL = 400pF 666 VPTH Active Pullup Enable Threshold VCC = 5.0V 0.4 0.65 V RESET Active Pullup Current VCC = 5.0V 20 mA RESET Pullup Resistance 4.2 4.7 5.2 k Ω Open-Drain RESET Output (AAT3517, 3518, 3519) VCC ≥ 1.0V, ISINK = 50µA 0.3 VCC ≥ 1.2V, ISINK = 100µA 0.3 VOL RESET Low Output Voltage VCC ≥ 2.7V, ISINK = 1.2mA 0.3 V VCC ≥ 4.5V, ISINK = 3.2mA 0.4 ID(OFF) Reset Leakage Current 1.0 µA Watchdog Input (AAT3510, 3511, 3512, 3513, 3514, 3517, 3518) AAT351xIGV-xx-x-A-T1 4.3 6.3 9.3 tWD Watchdog Timeout Period AAT351xIGV-xx-x-B-T1 71 102 153 ms AAT351xIGV-xx-x-C-T1 4 1.12 1.6 2.4 s tWDI WDI Minimum Pulse Width VIL = 0.3 x VCC, VIH = 0.7 x VCC 50 ns VIL WDI Input Threshold 5 0.3 x VCC VIH WDI Input Threshold 5 0.8 x VCC V IWDI WDI Input Current 6 WDI = VCC, time average 120 160 µA VWDI = 0, time average -20 -15 |
Similar Part No. - AAT3511IGV-3.90-A-C-T1 |
|
Similar Description - AAT3511IGV-3.90-A-C-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |