Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904RL1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N3904RL1
Description  General Purpose Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3904RL1 Datasheet(HTML) 1 Page - ON Semiconductor

  2N3904RL1 Datasheet HTML 1Page - ON Semiconductor 2N3904RL1 Datasheet HTML 2Page - ON Semiconductor 2N3904RL1 Datasheet HTML 3Page - ON Semiconductor 2N3904RL1 Datasheet HTML 4Page - ON Semiconductor 2N3904RL1 Datasheet HTML 5Page - ON Semiconductor 2N3904RL1 Datasheet HTML 6Page - ON Semiconductor 2N3904RL1 Datasheet HTML 7Page - ON Semiconductor 2N3904RL1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
November, 2000 – Rev. 3
1
Publication Order Number:
2N3903/D
2N3903, 2N3904
2N3903 is a Preferred Device
General Purpose
Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
40
Vdc
Collector–Base Voltage
VCBO
60
Vdc
Emitter–Base Voltage
VEBO
6.0
Vdc
Collector Current – Continuous
IC
200
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to
+150
°C
THERMAL CHARACTERISTICS (Note 1.)
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction to Ambient
R
θJA
200
°C/W
Thermal Resistance,
Junction to Case
R
θJC
83.3
°C/W
1. Indicates Data in addition to JEDEC Requirements.
Device
Package
Shipping
ORDERING INFORMATION
2N3903
TO–92
http://onsemi.com
TO–92
CASE 29
STYLE 1
5000 Units/Box
3
2
1
Preferred devices are recommended choices for future use
and best overall value.
2N3903RLRM
TO–92
2000/Ammo Pack
COLLECTOR
3
2
BASE
1
EMITTER
2N3904
TO–92
5000 Units/Box
2N3904RLRA
TO–92
2000/Tape & Reel
2N3904RLRE
TO–92
2000/Tape & Reel
2N3904RLRM
TO–92
2000/Ammo Pack
STYLE 1
Y
= Year
WW
= Work Week
MARKING DIAGRAMS
2N
3903
YWW
2N3904RLRP
TO–92
2000/Ammo Pack
2N
3904
YWW
2N3904RL1
TO–92
2000/Tape & Reel
2N3904ZL1
TO–92
2000/Ammo Pack


Similar Part No. - 2N3904RL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904RL1G ONSEMI-2N3904RL1G Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3904RL1G ONSEMI-2N3904RL1G Datasheet
183Kb / 8P
   General Purpose Transistors
January, 2010 ??Rev. 7
2N3904RL1G ONSEMI-2N3904RL1G Datasheet
236Kb / 10P
   General Purpose Transistors
August, 2021 - Rev. 9
More results

Similar Description - 2N3904RL1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com