Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM497FBK32S Datasheet(PDF) 10 Page - Texas Instruments

Part # TM497FBK32S
Description  EXTENDED DATA OUT DYNAMIC RAM MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM497FBK32S Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM497FBK32S Datasheet HTML 4Page - Texas Instruments TM497FBK32S Datasheet HTML 5Page - Texas Instruments TM497FBK32S Datasheet HTML 6Page - Texas Instruments TM497FBK32S Datasheet HTML 7Page - Texas Instruments TM497FBK32S Datasheet HTML 8Page - Texas Instruments TM497FBK32S Datasheet HTML 9Page - Texas Instruments TM497FBK32S Datasheet HTML 10Page - Texas Instruments TM497FBK32S Datasheet HTML 11Page - Texas Instruments TM497FBK32S Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TM497FBK32, TM497FBK32S 4 194 304 BY 32-BIT
TM893GBK32, TM893GBK32S 8 388 608 BY 32-BIT
EXTENDED DATA OUT DYNAMIC RAM MODULES
SMMS668 – NOVEMBER 1996
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’497FBK32-60
’893GBK32-60
’497FBK32-70
’893GBK32-70
’497FBK32-80
’893GBK32-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Cycle time, random read or write (see Note 7)
110
130
150
ns
tPC
Cycle time, page-mode read or write (see Notes 7 and 8)
40
45
50
ns
tRASP
Pulse duration, page-mode, RAS low
60
100 000
70
100 000
80
100 000
ns
tRAS
Pulse duration, non-page-mode, RAS low
60
10 000
70
10 000
80
10 000
ns
tCAS
Pulse duration, CAS low
15
10 000
18
10 000
20
10 000
ns
tCP
Pulse duration, CAS high
10
10
10
ns
tRP
Pulse duration, RAS high (precharge)
40
50
60
ns
tWP
Pulse duration, W low
10
10
10
ns
tASC
Setup time, column address before CAS low
0
0
0
ns
tASR
Setup time, row address before RAS low
0
0
0
ns
tDS
Setup time, data before CAS low
0
0
0
ns
tRCS
Setup time, W high before CAS low
0
0
0
ns
tCWL
Setup time, W-low before CAS high
10
12
15
ns
tRWL
Setup time, W-low before RAS high
10
12
15
ns
tWCS
Setup time, W-low before CAS low
0
0
0
ns
tWRP
Setup time, W-high before RAS low (CBR refresh only)
10
10
10
ns
tCAH
Hold time, column address after CAS low
10
12
15
ns
tRHCP
Hold time, RAS high after CAS precharge
35
40
45
ns
tDH
Hold time, data after CAS low
10
12
15
ns
tRAH
Hold time, row address after RAS low
10
10
10
ns
tRCH
Hold time, W high after CAS high (see Note 9)
0
0
0
ns
tRRH
Hold time, W high after RAS high (see Note 9)
0
0
0
ns
tWCH
Hold time, W low after CAS low
10
12
15
ns
tWRH
Hold time, W high after RAS low (CBR refresh only)
10
10
10
ns
tCHR
Delay time, RAS low to CAS high (CBR refresh only)
10
10
10
ns
tCRP
Delay time, CAS high to RAS low
5
5
5
ns
tCSH
Delay time, RAS low to CAS high
50
55
60
ns
tCSR
Delay time, CAS low to RAS low (CBR refresh only)
5
5
5
ns
tRAD
Delay time, RAS low to column address (see Note 10)
15
30
15
35
15
40
ns
tRAL
Delay time, column address to RAS high
30
35
40
ns
tCAL
Delay time, column address to CAS high
30
35
40
ns
tRCD
Delay time, RAS low to CAS low (see Note 10)
20
45
20
52
20
60
ns
tRPC
Delay time, RAS high to CAS low (CBR only)
0
0
0
ns
tRSH
Delay time, CAS low to RAS high
10
12
15
ns
tREF
Refresh time interval
32
32
32
ms
tT
Transition time
3
30
3
30
3
30
ns
NOTES:
7. All cycles assume tT = 5 ns.
8. To assure tPC min, tASC should be greater than or equal to tCP.
9. Either tRRH or tRCH must be satisfied for a read cycle.
10. The maximum value is specified only to assure access time.


Similar Part No. - TM497FBK32S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H-60 TI1-TM497FBK32H-60 Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32I TI1-TM497FBK32I Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32I-60 TI1-TM497FBK32I-60 Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results

Similar Description - TM497FBK32S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com