Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP125AIDBVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP125AIDBVRG4
Description  2C Accurate Digital Temperature Sensor with SPI Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP125AIDBVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP125AIDBVRG4 Datasheet HTML 2Page - Texas Instruments TMP125AIDBVRG4 Datasheet HTML 3Page - Texas Instruments TMP125AIDBVRG4 Datasheet HTML 4Page - Texas Instruments TMP125AIDBVRG4 Datasheet HTML 5Page - Texas Instruments TMP125AIDBVRG4 Datasheet HTML 6Page - Texas Instruments TMP125AIDBVRG4 Datasheet HTML 7Page - Texas Instruments TMP125AIDBVRG4 Datasheet HTML 8Page - Texas Instruments TMP125AIDBVRG4 Datasheet HTML 9Page - Texas Instruments TMP125AIDBVRG4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TMP125
SBOS323 − DECEMBER 2004
www.ti.com
6
0.25s
0.5s
50
µA(active)
20
µA(idle)
Figure 2. Conversion Time and Period
Timing Diagrams
The TMP125 is SPI-compatible. Figure 3 describes the
output data of the TMP125. Figure 4, Figure 5, and
Figure 6 describe the various timing requirements, with
parameters defined in Table 3.
PARAMETER
MIN
MAX
UNITS
SCK Period
t1
100
ns
Data In to Rising Edge SCK Setup Time
t2
20
ns
SCK Falling Edge to Output Data Delay
t3
30
ns
SCK Rising Edge to Input Data Hold Time
t4
20
ns
CS to Rising Edge SCK Set-Up Time
t5
40
ns
CS to Output Data Delay
t6
30
ns
CS Rising Edge to Output High Impedance
t7
30
ns
Table 3. Timing Description
SO
SCK
CS
T0
T0
T0
T0
T0
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
Leading
Zero
SI
Don’t
Care
Don’t
Care
Power
Down
Figure 3. Data READ
SCK
CS
SO
t
4
t
2
t
4
t
2
SCK
CS
SO
Figure 4. Input Data Timing Diagram


Similar Part No. - TMP125AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125AIDBVRG4 TI1-TMP125AIDBVRG4 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP125AIDBVRG4 TI1-TMP125AIDBVRG4 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
More results

Similar Description - TMP125AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
logo
Analog Devices
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com