Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3805BH Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805BH
Description  3.3V Fast CMOS Buffer/Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805BH Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT3805BH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805BH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805BH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805BH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805BH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805BH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805BH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805BH Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3805BH Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS7007B
01/13/99
3.3V Fast CMOS Buffer/Clock Driver
OA0-4
5
OEA
INA
OB0-4
5
OEB
INB
MON
PI49FCT3805 Logic Block Diagram
OA0-4
5
OEA
INA
OB0-4
5
OEB
INB
MON
PI49FCT3806 Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3805/PI49FCT3806
PI49FCT3805A/PI49FCT3806A
PI49FCT3805B/PI49FCT3806B
PI49FCT3805C/PI49FCT3806C
Product Description
Pericom Semiconductor’s PI49FCT series of logic circuits are
produced using the Company’s advanced submicron CMOS
technology, achieving industry leading speed grades.
The PI49FCT3805 is a 3.3V non-inverting clock driver and the
PI49FCT3806 is a 3.3V inverting clock driver designed with two
independent groups of buffers. These buffers have 3-state Output
Enable inputs (active LOW) with a 1-in, 5-out configuration per
group.Eachclockdriverconsistoftwobanksofdrivers,drivingfive
outputs each from a standard TTL compatible CMOS input.
Features
• 3.3VversionofPI49FCT805/806
• Extremely low output skew: 0.5ns
• Monitor ouput pin
• Clock busing wih 3-state control
• TTL inpu and CMOS output compatible
• Industrial operation at–40°C to 85°C
• Extremely low static power (1mW, typ.)
• Hysteresis on all inputs
• Packagesavailable:
–20-pin300-milwideSOIC(S)
–20-pin150-milwideQSOP(Q)
–20-pin209-milwideSSOP(H)
• Device models available on request


Similar Part No. - PI49FCT3805BH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805BHE PERICOM-PI49FCT3805BHE Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
More results

Similar Description - PI49FCT3805BH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com