Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3805BS Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805BS
Description  3.3V Fast CMOS Buffer/Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805BS Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI49FCT3805BS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805BS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805BS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805BS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805BS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805BS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805BS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805BS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3805BS Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS7007B
01/13/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT3805/3806
3.3V Fast CMOS Buffer/Clock Driver
SWITCHINGWAVEFORMS
Output Skew – tSK(o)
Pulse Skew – tSK(p)
Package Skew – tSK(t)
PropagationDelay
EnableandDisableTimes
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
tSK(p) = | tPHL – tPLH |
Input
tPLHx
3V
1.5V
0V
Ox
VOH
1.5V
VOL
tPHLx
tSK(o)
Oy
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
tSK(o) = | tPLHy – tPLHx | or | tPHLy – tPHLx |
Input
tPLH1
3V
1.5V
0V
Package 1
Output
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Output
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
tSK(t) = | tPLH2 – tPLH1 | or | tPHL2 – tPHL1 |
tPZL
OE
1.5V
0V
3V
1.5V
3.0V
0V
1.5V
tPLZ
VOL
3.0V
0V
tPZH
tPHZ
0.3V
0.3V
Output
Normally
Low
Output
Normally
High
Switch
Closed
Switch
Open
VOH
Enable
Disable


Similar Part No. - PI49FCT3805BS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805BHE PERICOM-PI49FCT3805BHE Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805BQE PERICOM-PI49FCT3805BQE Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805BQEX DIODES-PI49FCT3805BQEX Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
More results

Similar Description - PI49FCT3805BS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com