Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCS2
Description  PHOTON COUPLED ISOLATOR Ga As INFRARED EMITTING DIODE AND LIGHT ACTIVATED SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 20mA
Reverse Voltage (V
R)
3
V
I
R = 10µA
Output
Peak Off-state Voltage (V
DM )
(note 2)
MCS2
200
V
R
GK=10kΩ,ID=150µA,
T
A= 100°C
MCS2400
400
V
R
GK=10kΩ,ID=150µA,
T
A=100°C
Peak Reverse Voltage (V
RM )
MCS2
200
V
I
D=150µA,TA=100°C
MCS2400
400
V
I
D=150µA,TA=100°C
On-state Voltage (V
TM )
1.1
1.3
V
I
TM = 100mA
Off-state Current (I
DM )
MCS2
2
µA
R
GK=27kΩ, IF= 0,
V
DM = 200V
MCS2400
2
µA
R
GK=27kΩ, IF= 0,
V
DM = 400V
Reverse Current (I
R )
MCS2
2
µA
I
F= 0, VDM = 200V
MCS2400
2
µA
I
F= 0, VDM = 400V
Holding Current (I
H)
10
500
µA
R
GK=27kΩ, VFX=50V
Coupled
Input Current to Trigger ( I
FT ) (note 2)
0.5
14
mA
V
AK=100V, RGK=27kΩ
Turn on Time ( t
on )
50
µs
R
GK=10kΩ, IF=30mΑ,
V
AK=50V, RL=200Ω
Coupled dv/dt, Input to Output (dv/dt)
500
V/
µs
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
1011
V
IO = 500V (note 1)
Input-output Capacitance
Cf
2
pF
V = 0, f =1MHz
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
13/11/97
DB92283-AAS/A3


Similar Part No. - MCS2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS2010 MCC-MCS2010 Datasheet
656Kb / 4P
   Dual N-Channel MOSFET
2016/02/03
logo
GE Solid State
MCS21 GESS-MCS21 Datasheet
94Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
Copal Electronics
MCS221D COPAL-MCS221D Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
MCS221DD COPAL-MCS221DD Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
MCS221E COPAL-MCS221E Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
More results

Similar Description - MCS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNY34 ETC1-CNY34 Datasheet
69Kb / 4P
   PHOTON COUPLED ISOLATOR Ga As LIGHT ACTIVATED SCR
logo
GE Solid State
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
GE Solid State
CNY32 GESS-CNY32 Datasheet
92Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
PerkinElmer Optoelectro...
GE3009 PERKINELMER-GE3009 Datasheet
62Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
GE Solid State
MCS21 GESS-MCS21 Datasheet
94Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
List of Unclassifed Man...
H11V2 ETC1-H11V2 Datasheet
125Kb / 3P
   Photon Coupled Isolator
logo
New Jersey Semi-Conduct...
4N29 NJSEMI-4N29 Datasheet
171Kb / 1P
   Photon Coupled Isolator
4N35 NJSEMI-4N35 Datasheet
191Kb / 2P
   Photon Coupled Isolator
logo
GE Solid State
CNY33 GESS-CNY33 Datasheet
234Kb / 6P
   PHOTON COUPLED ISOLATOR CNY33
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com