Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5STP03X5800 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5STP03X5800
Description  Phase Control Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5STP03X5800 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5STP03X5800 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5STP03X5800 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5STP03X5800 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5STP03X5800 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5STP03X5800 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABB Semiconductors AG reserves the right to change specifications without notice.
VDSM
=
6500 V
ITAVM
=
350 A
ITRMS
=
550 A
ITSM
=
4500 A
VT0
=1.20 V
rT
=
2.300 mΩ
Phase Control Thyristor
5STP 03X6500
Doc. No. 5SYA1003-04 Sep. 01
Patented free-floating silicon technology
Low on-state and switching losses
Designed for traction, energy and industrial applications
Optimum power handling capability
Interdigitated amplifying gate
Blocking
Part Number
5STP 03X6500 5STP 03X6200 5STP 03X5800 Conditions
VDSM
VRSM
6500 V
6200 V
5800 V
f = 5 Hz, tp = 10ms
VDRM
VRRM
5600 V
5300 V
4900 V
f = 50 Hz, tp = 10ms
VRSM1
7000 V
6700 V
6300 V
tp = 5ms, single pulse
IDSM
≤ 150 mA
VDSM
IRSM
≤ 150 mA
VRSM
Tj = 125°C
dV/dtcrit
1000 V/µs
Exp. to 0.67 x VDRM, Tj = 125°C
VDRM/ VRRM are equal to VDSM/ VRSM values up to Tj = 110°C
Mechanical data
FM
Mounting force
nom.
10 kN
min.
8 kN
max.
12 kN
a
Acceleration
Device unclamped
Device clamped
50
100
m/s
2
m/s
2
mWeight
0.4 kg
DS
Surface creepage distance
38 mm
Da
Air strike distance
21 mm


Similar Part No. - 5STP03X5800

ManufacturerPart #DatasheetDescription
logo
ABB
5STP03X5800 ABB-5STP03X5800 Datasheet
201Kb / 6P
   Phase Control Thyristor
More results

Similar Description - 5STP03X5800

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com