Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE27CA Datasheet(PDF) 7 Page - ON Semiconductor

Part # 1.5KE27CA
Description  1500 Watt Mosorb Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5KE27CA Datasheet(HTML) 7 Page - ON Semiconductor

  1.5KE27CA Datasheet HTML 1Page - ON Semiconductor 1.5KE27CA Datasheet HTML 2Page - ON Semiconductor 1.5KE27CA Datasheet HTML 3Page - ON Semiconductor 1.5KE27CA Datasheet HTML 4Page - ON Semiconductor 1.5KE27CA Datasheet HTML 5Page - ON Semiconductor 1.5KE27CA Datasheet HTML 6Page - ON Semiconductor 1.5KE27CA Datasheet HTML 7Page - ON Semiconductor 1.5KE27CA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1.5KE6.8CA Series
http://onsemi.com
7
OUTLINE DIMENSIONS
1500 Watt Mosorb
t
Transient Voltage Suppressors – Axial Leaded
MOSORB
CASE 41A–04
ISSUE D
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.335
0.374
8.50
9.50
INCHES
B
0.189
0.209
4.80
5.30
D
0.038
0.042
0.96
1.06
K
1.000
---
25.40
---
P
---
0.050
---
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. LEAD FINISH AND DIAMETER UNCONTROLLED
IN DIMENSION P.
4. 041A-01 THRU 041A-03 OBSOLETE, NEW
STANDARD 041A-04.
D
K
P
P
A
K
B


Similar Part No. - 1.5KE27CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE27CA TRSYS-1.5KE27CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE27CA SOCAY-1.5KE27CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
List of Unclassifed Man...
1.5KE27CA ETC1-1.5KE27CA Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
SiPower Inc.
1.5KE27CA SIPOWER-1.5KE27CA Datasheet
1Mb / 5P
   Transient Voltage Suppressor
logo
Micro Commercial Compon...
1.5KE27CA MCC-1.5KE27CA Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE27CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com