Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C363B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C363B
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C363B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90C363B Datasheet HTML 1Page - National Semiconductor (TI) DS90C363B Datasheet HTML 2Page - National Semiconductor (TI) DS90C363B Datasheet HTML 3Page - National Semiconductor (TI) DS90C363B Datasheet HTML 4Page - National Semiconductor (TI) DS90C363B Datasheet HTML 5Page - National Semiconductor (TI) DS90C363B Datasheet HTML 6Page - National Semiconductor (TI) DS90C363B Datasheet HTML 7Page - National Semiconductor (TI) DS90C363B Datasheet HTML 8Page - National Semiconductor (TI) DS90C363B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to (V
CC + 0.3V)
LVDS Driver Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Output Short Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec)
+260˚C
Maximum Package Power Dissipation Capacity @ 25˚C
MTD48 (TSSOP) Package:
DS90C363B
1.98 W
Package Derating:
DS90C363B
16 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
7 kV
(EIAJ, 0
Ω, 200 pF)
500V
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−10
+25
+70
˚C
Supply Noise Voltage
(V
CC)
200
mV
PP
TxCLKIN frequency
18
68
MHz
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN = 0.4V, 2.5V or VCC
+1.8
+10
µA
V
IN = GND
−10
0
µA
LVDS DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100
250
345
450
mV
∆V
OD
Change in V
OD between
complimentary output states
35
mV
V
OS
Offset Voltage (Note 4)
1.13
1.25
1.38
V
∆V
OS
Change in V
OS between
complimentary output states
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100
−3.5
−5
mA
I
OZ
Output TRI-STATE® Current
Power Down = 0V,
V
OUT =0VorV CC
±1
±10
µA
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
Worst Case
R
L = 100
Ω,
C
L = 5 pF,
Worst Case Pattern
(Figures 1, 4 ) " Typ "
values are given for V
CC
= 3.6V and T
A =
+25˚C, " Max " values
are given for V
CC =
3.6V and T
A = −10˚C
f = 25MHz
29
40
mA
f = 40 MHz
34
45
mA
f = 65 MHz
42
55
mA
www.national.com
2


Similar Part No. - DS90C363B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C363BMT TI1-DS90C363BMT Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C363BMT/NOPB TI1-DS90C363BMT/NOPB Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C363BMTX/NOPB TI1-DS90C363BMTX/NOPB Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results

Similar Description - DS90C363B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com