Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-41GR5 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-41GR5
Description  MOSFET Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-41GR5 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-41GR5 Datasheet HTML 1Page - Omron Electronics LLC G3VM-41GR5 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
53
G3VM-41GR5
G3VM-41GR5
■ Absolute Maximum Ratings (Ta = 25
°C)
■ Electrical Characteristics (Ta = 25
°C)
■ Recommended Operating Conditions
Use the G3VM under the following conditions so that the Relay will operate properly.
■ Engineering Data
Load Current vs. Ambient Temperature
G3VM-41GR5
■ Safety Precautions
Refer to page 6 for precautions common to all G3VM models.
Item
Symbol
Rating
Unit
Measurement Conditions
Input
LED forward current
IF
50
mA
Repetitive peak LED forward
current
IFP
1
A
100
ms pulses, 100 pps
LED forward current reduction
rate
D IF/°C
-0.5
mA/
°CTa ³ 25°C
LED reverse voltage
VR
5V
Connection temperature
Tj
125
°C
Output
Output dielectric strength
VOFF
40
V
Continuous load current
IO
300
mA
ON current reduction rate
D ION/°C -3.0
mA/
°CTa ³ 25°C
Connection temperature
Tj
125
°C
Dielectric strength between input and
output (See note 1.)
VI-O
1,500
Vrms
AC for 1 min
Operating temperature
Ta
-20 to +85
°C
With no icing or condensation
Storage temperature
Tstg
-40 to +125 °C
With no icing or condensation
Soldering temperature (10 s)
---
260
°C10 s
Note:
1. The dielectric strength between the input and
output was checked by applying voltage be-
tween all pins as a group on the LED side and
all pins as a group on the light-receiving side.
Item
Symbol
Mini-
mum
Typical
Maxi-
mum
Unit
Measurement
conditions
Input
LED forward voltage
VF
1.0
1.15
1.3
V
IF = 10 mA
Reverse current
IR
---
---
10
mAVR = 5 V
Capacity between ter-
minals
CT
---
15
---
pF
V = 0, f = 1 MHz
Trigger LED forward
current
IFT
---
---
4
mA
IO = 100 mA
Output
Maximum resistance
with output ON
RON
---
1.0
1.5
W
IF = 5 mA,
IO = 300 mA, t < 1 s
Current leakage
when the relay is
open
ILEAK
---
---
1.0
nA
VOFF = 30 V, Ta = 50°C
Capacity between ter-
minals
COFF
---
10.0
14.0
pF
V = 0, f = 100 MHz,
t < 1 s
Capacity between I/O terminals
CI-O
---
0.8
---
pF
f = 1 MHz, Vs = 0 V
Insulation resistance
RI-O
1,000
---
---
M
W
VI-O = 500 VDC,
RoH
£ 60%
Turn-ON time
tON
---
---
0.5
ms
IF = 10 mA, RL = 200 W,
VDD = 20 V (See note 2.)
Turn-OFF time
tOFF
---
---
0.5
ms
VOUT
IF
t ON
t OFF
10%
90%
IF
1
2
4
3
RL
VDD
VOUT
Note:
2. Turn-ON and Turn-OFF
Times
Item
Symbol
Minimum
Typical
Maximum
Unit
Output dielectric strength
VDD
---
---
32
V
Operating LED forward current
IF
10
---
30
mA
Continuous load current
IO
---
---
300
mA
Operating temperature
Ta
25
---
60
°C
Ambient temperature (
°C)
500
400
300
200
100
0
−20
0
20
40
60
80
100


Similar Part No. - G3VM-41GR5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-41GR5 OMRON-G3VM-41GR5 Datasheet
362Kb / 6P
   MOS FET Relays
G3VM-41GR5 OMRON-G3VM-41GR5 Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-41GR5 OMRON-G3VM-41GR5 Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-41GR5 OMRON-G3VM-41GR5 Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-41GR5 OMRON-G3VM-41GR5 Datasheet
283Kb / 4P
   MOS FET Relay with Low Output Capacitance
More results

Similar Description - G3VM-41GR5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com