Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXSK30N60BD1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXSK30N60BD1
Description  High Speed IGBT with Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSK30N60BD1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXSK30N60BD1 Datasheet HTML 1Page - IXYS Corporation IXSK30N60BD1 Datasheet HTML 2Page - IXYS Corporation IXSK30N60BD1 Datasheet HTML 3Page - IXYS Corporation IXSK30N60BD1 Datasheet HTML 4Page - IXYS Corporation IXSK30N60BD1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 - 5
© 2000 IXYS All rights reserved
IXSH 30N60BD1 IXSK 30N60BD1 IXST 30N60BD1
200
600
1000
0
400
800
60
70
80
90
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
5
10
15
20
0.00
0.25
0.50
0.75
1.00
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
5
10
15
20
25
30
100
1000
0
200
400
600
800
1000
01
23
0
10
20
30
40
50
60
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
ms
A
V
nC
A/
ms
A/
ms
t
rr
ns
t
fr
Z
thJC
A/
ms
µs
DSEP 29-06
I
F= 60A
I
F= 30A
I
F= 15A
T
VJ=100°C
V
R = 300V
T
VJ= 100°C
I
F
= 30A
Fig. 14 Peak reverse current I
RM
versus -di
F/dt
Fig. 13 Reverse recovery charge Q
r
versus -di
F/dt
Fig. 12 Forward current I
F versus VF
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
I
F= 60A
I
F= 30A
I
F= 15A
Q
r
I
RM
Fig. 15 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 16 Recovery time t
rr versus -diF/dt
Fig. 17 Peak forward voltage V
FR and tfr
versus di
F/dt
I
F= 60A
I
F= 30A
I
F= 15A
t
fr
V
FR
Fig. 18 Transient thermal resistance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.502
0.0052
2
0.193
0.0003
3
0.205
0.0162
T
VJ=25°C
T
VJ=100°C
T
VJ=150°C


Similar Part No. - IXSK30N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSK30N60CD1 IXYS-IXSK30N60CD1 Datasheet
72Kb / 2P
   Short Circuit SOA Capability
More results

Similar Description - IXSK30N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSA10N60B2D1 IXYS-IXSA10N60B2D1 Datasheet
589Kb / 6P
   High Speed IGBT with Diode
IXGH25N100U1 IXYS-IXGH25N100U1 Datasheet
315Kb / 6P
   High speed IGBT with Diode
IXSH30N60B2D1 IXYS-IXSH30N60B2D1 Datasheet
522Kb / 6P
   High Speed IGBT with Diode
IXGH10N100U1 IXYS-IXGH10N100U1 Datasheet
121Kb / 6P
   Low VCE(sat) IGBT with Diode, High speed IGBT with Diode
IXSH20N60U1 IXYS-IXSH20N60U1 Datasheet
112Kb / 6P
   Low VCE(sat) IGBT with Diode, High Speed IGBT with Diode
IXGH15N120BD1 IXYS-IXGH15N120BD1 Datasheet
56Kb / 2P
   Low VCE(sat) IGBT with Diode High Speed IGBT with Diode
IXGH12N100 IXYS-IXGH12N100 Datasheet
151Kb / 5P
   Low VCE(sat) IGBT with Diode High Speed IGBT with Diode
IXGH17N100U1 IXYS-IXGH17N100U1 Datasheet
113Kb / 6P
   Low VCE(sat) IGBT with Diode High speed IGBT with Diode
IXGH10N60U1 IXYS-IXGH10N60U1 Datasheet
110Kb / 6P
   Low VCE(sat) IGBT with Diode, High speed IGBT with Diode Combi Packs
IXGR50N90B2D1 IXYS-IXGR50N90B2D1 Datasheet
222Kb / 6P
   B2-Class High Speed IGBT with Fast Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com