Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML66525B-XXTB Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML66525B-XXTB
Description  16-Bit Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66525B-XXTB Datasheet(HTML) 1 Page - OKI electronic componets

  ML66525B-XXTB Datasheet HTML 1Page - OKI electronic componets ML66525B-XXTB Datasheet HTML 2Page - OKI electronic componets ML66525B-XXTB Datasheet HTML 3Page - OKI electronic componets ML66525B-XXTB Datasheet HTML 4Page - OKI electronic componets ML66525B-XXTB Datasheet HTML 5Page - OKI electronic componets ML66525B-XXTB Datasheet HTML 6Page - OKI electronic componets ML66525B-XXTB Datasheet HTML 7Page - OKI electronic componets ML66525B-XXTB Datasheet HTML 8Page - OKI electronic componets ML66525B-XXTB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
OKI Semiconductor
FEDL66525-02
Issue Date: July 19, 2002
ML66525 Family
16-Bit Microcontroller
1/27
GENERAL DESCRIPTION
The ML66525 family devices are high-performance 16-bit CMOS microcontrollers that utilize the nX-8/500S,
Oki’s proprietary CPU core.
Data from a personal computer with a USB connector can be automatically, quickly written or read to and from
NAND type Flash Memory via USB I/F and NAND Flash Memory I/F.
The ML66525 family devices support clock gear functions, a sub-clock and HALT/STOP mode, which are
suitable for low power applications.
The ML66525 family devices are provided with interfaces to external devices such as a 4-channel multi-functional
serial interface with internal 32-byte FIFO and a high-speed bus interface that has separate address and data buses
and does not require external address latches.
A wide variety of internal multi-functional timers enable various timing controls such as periodic and timed
measurements.
With a 16-bit CPU core that enables high-speed arithmetic computations and a variety of bit processing functions,
these general-purpose microcontrollers are optimally suited for Digital Audio devices such as MP3 players, voice
recorders, handy games, and PC peripheral control systems (to control devices that can be connected to USB and
store data into memory).
The ML66525 family devices also include the flash ROM version device (ML66Q525B) that is programmable
with a single 3 V power supply (2.4 to 3.6 V).
[ Note ] ML66525A/ML66Q525A are supplied as stock lasts.
APPLICATIONS
• Small-sized handy systems that require USB control and Storage control (Digital Audio players, etc)
• PC Peripheral Control Systems
ORDERING INFORMATION
Order Code or Product Name
Package
Remark
ML66525B-xxTB *1
mask ROM version (2.4 to 3.6 V)
ML66Q525B-NTB *2
100-pin plastic TQFP
(TQFP100-P-1414-0.50-K)
ML66525B flash ROM version (2.4 to 3.6 V)
ML66525B-xxLA *1
ML66525B BGA package version (2.4 to 3.6 V)
ML66Q525B-NLA *2
144-pin plastic LFBGA
(P-LFBGA144-1111-0.80)
ML66Q525B BGA package version (2.4 to 3.6 V)
*1 : The “xx” of “-xx” stands for the code number.
*2 : The “N” of “-N” stands for the flash ROM blank version.
When OKI programs and ship the flash ROM, the part number is changed from ”–N” to ”–XX” (code
number ) , for example, ML66Q525B-999TB.


Similar Part No. - ML66525B-XXTB

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
ML6652 MICRO-LINEAR-ML6652 Datasheet
667Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
ML6652CH MICRO-LINEAR-ML6652CH Datasheet
196Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
ML6652CH MICRO-LINEAR-ML6652CH Datasheet
667Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
ML6652CM MICRO-LINEAR-ML6652CM Datasheet
667Kb / 28P
   10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
More results

Similar Description - ML66525B-XXTB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com