Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM29F004T-70JC Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM29F004T-70JC
Description  4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F004T-70JC Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM29F004T-70JC Datasheet HTML 1Page - PMC-Sierra, Inc PM29F004T-70JC Datasheet HTML 2Page - PMC-Sierra, Inc PM29F004T-70JC Datasheet HTML 3Page - PMC-Sierra, Inc PM29F004T-70JC Datasheet HTML 4Page - PMC-Sierra, Inc PM29F004T-70JC Datasheet HTML 5Page - PMC-Sierra, Inc PM29F004T-70JC Datasheet HTML 6Page - PMC-Sierra, Inc PM29F004T-70JC Datasheet HTML 7Page - PMC-Sierra, Inc PM29F004T-70JC Datasheet HTML 8Page - PMC-Sierra, Inc PM29F004T-70JC Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FEATURES
• Single Power Supply Operation
- 5.0 V ± 10% Read/Program/Erase
• High Performance Read
- 70/90 ns access time
• Memory Blocks Architecture
- One 16 Kbytes top or bottom Boot Block with
software lockout
- Two 8 Kbytes Parameter Blocks
- One 96 Kbytes Main Block
- Three 128 Kbytes Main Blocks
• Automatic Block Erase and Byte Program
- Typical 12
µs/byte programming
- Typical 50 ms block or chip erase
• Hardware Data Protection
• Data# Polling and Toggle Bit Features
• Low Power Consumption
- Typical 15 mA active read current
- Typical 40 mA program/erase current
- Typical 0.1
µA CMOS standby current
• High Product Endurance
- Guarantee 10,000 program/erase cycles
- Typical 50,000 program/erase cycles
- Minimum 10 years data retention
• Industrial Standard Pin-out and Packaging
- 32-pin Plastic DIP
- 32-pin PLCC
• Manufactured on 0.30 µm process
GENERAL DESCRIPTION
The Pm29F004 is a 4 Megabit, 5 Volt-only Flash Memory organized as 524,288 bytes of 8 bits each. This
device is designed to use a 5.0 Volt power supply to perform in-system programming, 12.0 Volt V
PP power supply
for program and erase operation is not required. The device can be programmed in standard EPROM program-
mers as well.
The 4 Megabit memory array is divided into seven blocks of one 16 Kbytes, two 8 Kbytes, one 96 Kbytes,
and three 128 Kbytes for BIOS and parameters storage. The seven blocks allow users to flexibly make chip erase
or block erase operation. The block erase feature allows a particular block to be erased and reprogrammed
without affecting the data in other blocks. After the device performed chip erase or block erase operation, it can
be reprogrammed on a byte-by-byte basis.
The device has a standard microprocessor interface as well as JEDEC single-power-supply Flash compatible
pin-out and command set. The program operation of Pm29F004 is executed by issuing the program command
code into command register. The internal control logic automatically handles the programming voltage ramp-up
and timing. The erase operation of Pm29F004 is executed by issuing the chip erase or block erase command
code into command register. The internal control logic automatically handles the erase voltage ramp-up and
timing. The preprogramming on the array which has not been programmed is not required before the erase
operation. The device also features Data# Polling and Toggle Bit function, the end of program or erase operation
can be detected by Data# Polling of I/O7 or Toggle Bit of I/O6.
The device has an optional 16 Kbytes top or bottom boot block with a software lockout feature for data
security. The boot block can be used to store user secure code. When the lockout feature is enabled, the boot
block is permanently protected from being reprogrammed.
The Pm29F004 is manufactured on PMC’s advanced 0.30 µm, P-FLASH™, nonvolatile memory process.
The device is packaged in a 32-pin DIP and PLCC with access time of 70 and 90 ns.
PMC
4 Megabit (512K X 8) 5.0 Volt-only CMOS Flash Memory
Programmable Microelectronics Corp.
Issue Date: November, 2000 Rev:1. 0
PRELIMINARY
Pm29F004
1


Similar Part No. - PM29F004T-70JC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55JC PMC-PM29F002B-55JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-55PC PMC-PM29F002B-55PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70JC PMC-PM29F002B-70JC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
PM29F002B-70PC PMC-PM29F002B-70PC Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results

Similar Description - PM29F004T-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com