Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLR4200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STLR4200
Description  USB/lrDA Bridge Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STLR4200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STLR4200 Datasheet HTML 1Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 2Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 3Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 4Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 5Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 6Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 7Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 8Page - List of Unclassifed Manufacturers STLR4200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
3-4200-D1-2.0-0403
STIr4200
USB/IrDA Bridge Controller
OFFICIAL
PRODUCT
DOCUMENTA TI ON
2. PRODUCT OVERVIEW
2.1.
Features
Low-power CMOS design
IrDA data rates from 2.4 Kbps to 4 Mbps
Obtains power from USB port
Uses standard IrDA transceivers
Optional LED driver for additional flexibility
LED driver capable of > 650 ma @ 5V, 25% duty cycle
Full compliance to IrDA 1.3 and USB 1.1 specifications
4 Kbyte FIFO buffer memory
Requires a single 12 Mhz crystal
Windows 98/98SE/ME/2000/XP™ NDIS/USB driver
Low-profile 28-Pin SSOP package
2.2.
Description
The SigmaTel STIr4200 is a low cost, low power, USB/IrDA Bridge Controller inte-
grated circuit for enabling IrDA wireless data communications through a standard
PC USB port. The STIr4200 directly interfaces to both single path and dual path
receive IrDA transceiver module architectures and contains a USB controller, IrDA
controller, interface logic, and memory buffer for full IrDA 1.3, 4 Mbps data transfer
rates. A block diagram is hown in Figure 1.
The STIr4200 is bundled with a Windows 98/98SE/ME/2000/XP™ NDIS/USB driver
for enabling the implementation of a cost effective USB/IrDA Adapter solution for
wireless data communications.
2.3.
Ordering Information
Part Number
Package
Temp Range
Supply Range
STIr4200S
28-Pin SSOP
0° C to +70° C
Vdd = 3.1 - 3.6V
Infrared
Communication
Transmission
Infrared
Transceiver
SigmaTel USB/
IrDA Bridge
Controller
Data
Transfer
USB
Connection
to the PC


Similar Part No. - STLR4200

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
SICK AG
STL-0608G10M075KM1 SICK-STL-0608G10M075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-0608G2M5075KM1 SICK-STL-0608G2M5075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-1204-G02MC SICK-STL-1204-G02MC Datasheet
242Kb / 4P
   Plug Connector
STL-1204-G02ME90 SICK-STL-1204-G02ME90 Datasheet
225Kb / 4P
   Plug connector cable
More results

Similar Description - STLR4200

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C713 ATMEL-AT76C713_04 Datasheet
99Kb / 2P
   USB BRIDGE CONTROLLER
logo
Generalplus Technology ...
GPUSB101A GENERALPLUS-GPUSB101A Datasheet
927Kb / 37P
   USB Bridge Controller
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
   USB TO USB BRIDGE CONTROLLER
logo
Prolific Technology Inc...
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
   USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
   USB to Serial Bridge Controller
PL2303GT PROLIFIC-PL2303GT Datasheet
115Kb / 1P
   USB to RS232 Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
   USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
   USB to Serial Bridge Controller
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
   USB to Serial Bridge Controller
logo
Cypress Semiconductor
CY7C65213 CYPRESS-CY7C65213 Datasheet
2Mb / 29P
   USB-UART LP Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com