Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLR4200S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # STLR4200S
Description  USB/lrDA Bridge Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STLR4200S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STLR4200S Datasheet HTML 7Page - List of Unclassifed Manufacturers STLR4200S Datasheet HTML 8Page - List of Unclassifed Manufacturers STLR4200S Datasheet HTML 9Page - List of Unclassifed Manufacturers STLR4200S Datasheet HTML 10Page - List of Unclassifed Manufacturers STLR4200S Datasheet HTML 11Page - List of Unclassifed Manufacturers STLR4200S Datasheet HTML 12Page - List of Unclassifed Manufacturers STLR4200S Datasheet HTML 13Page - List of Unclassifed Manufacturers STLR4200S Datasheet HTML 14Page - List of Unclassifed Manufacturers STLR4200S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
3-4200-D1-2.0-0403
11
STIr4200
USB/IrDA Bridge Controller
OFFICIAL
PRODUCT
DOCUMENTA TI ON
5.1.2.
FIR Transmit Frame
The FIR rate is 4 Mbps The frame organization is detailed in Figure 5.
0x55
0xAA
LSB size
MSB size
0x7E
0x7E
BOF = Beginning of frame
Header ID
Data
Data
Data
Data
Data
Data
A
CI
Address/Control/Information Fields
Special characters must be escaped
Original Data
Escaped Data
0x7D
0x7D 0x5D
0x7E
0x7D 0x5E
0x7F
0x7D 0x5F
LSB CRC
MSB CRC
FCS : 32 bit CRC-IEEE802
0x7E
EOF - End of frame
Number of following bytes
Data
0x7E
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
0x7F
PREAMBLE : These characters
cause the STIr4200S to generate the
preamble sequence used by the
receiving device for synchronization.
There must be exactly 16 characters.
‚‚‚
‚‚‚
‚‚‚


Similar Part No. - STLR4200S

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
STL MSYSTEM-STL Datasheet
108Kb / 3P
   SOFT-TERMINAL
logo
SICK AG
STL-0608G10M075KM1 SICK-STL-0608G10M075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-0608G2M5075KM1 SICK-STL-0608G2M5075KM1 Datasheet
230Kb / 3P
   Plug connector cable
STL-1204-G02MC SICK-STL-1204-G02MC Datasheet
242Kb / 4P
   Plug Connector
STL-1204-G02ME90 SICK-STL-1204-G02ME90 Datasheet
225Kb / 4P
   Plug connector cable
More results

Similar Description - STLR4200S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C713 ATMEL-AT76C713_04 Datasheet
99Kb / 2P
   USB BRIDGE CONTROLLER
logo
Generalplus Technology ...
GPUSB101A GENERALPLUS-GPUSB101A Datasheet
927Kb / 37P
   USB Bridge Controller
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
   USB TO USB BRIDGE CONTROLLER
logo
Prolific Technology Inc...
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
   USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
   USB to Serial Bridge Controller
PL2303GT PROLIFIC-PL2303GT Datasheet
115Kb / 1P
   USB to RS232 Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
   USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
   USB to Serial Bridge Controller
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
   USB to Serial Bridge Controller
logo
Cypress Semiconductor
CY7C65213 CYPRESS-CY7C65213 Datasheet
2Mb / 29P
   USB-UART LP Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com