Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9315 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9315
Description  1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9315 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9315 Datasheet HTML 3Page - Maxim Integrated Products MAX9315 Datasheet HTML 4Page - Maxim Integrated Products MAX9315 Datasheet HTML 5Page - Maxim Integrated Products MAX9315 Datasheet HTML 6Page - Maxim Integrated Products MAX9315 Datasheet HTML 7Page - Maxim Integrated Products MAX9315 Datasheet HTML 8Page - Maxim Integrated Products MAX9315 Datasheet HTML 9Page - Maxim Integrated Products MAX9315 Datasheet HTML 10Page - Maxim Integrated Products MAX9315 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1:5 Differential LVPECL/LVECL/HSTL
Clock and Data Driver
8
_______________________________________________________________________________________
CLK
Q_
VOH
VOL
VIH
VIL
VBB
(CLK IS CONNECTED TO VBB)
VOH - VOL
CLK
Q_
Figure 1. MAX9315 Switching Characteristics with Single-Ended Input
CLK
CLK
Q_
Q_
tPLHD
tPHLD
VOH - VOL
VIHD - VILD
VIHD
VILD
Q_ - Q_
0 (DIFFERENTIAL)
0 (DIFFERENTIAL)
20%
80%
20%
80%
tR
tF
VOL
VOH
Figure 2. MAX9315 Timing Diagram


Similar Part No. - MAX9315

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX931-MAX934 MAXIM-MAX931-MAX934 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9310AEUP MAXIM-MAX9310AEUP Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
More results

Similar Description - MAX9315

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com