Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K164 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # K164
Description  Temperaturmessung Bedrahtete Scheiben
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

K164 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button K164 Datasheet HTML 6Page - Siemens Semiconductor Group K164 Datasheet HTML 7Page - Siemens Semiconductor Group K164 Datasheet HTML 8Page - Siemens Semiconductor Group K164 Datasheet HTML 9Page - Siemens Semiconductor Group K164 Datasheet HTML 10Page - Siemens Semiconductor Group K164 Datasheet HTML 11Page - Siemens Semiconductor Group K164 Datasheet HTML 12Page - Siemens Semiconductor Group K164 Datasheet HTML 13Page - Siemens Semiconductor Group K164 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
120
Siemens Matsushita Components
Nummer 1301
1302
1303
1304
T (
°C)
B25/100 = 2600 K
B25/100 = 3000 K
B25/100 = 3050 K
B25/100 = 3300 K
RT/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K)
– 55,0
– 50,0
– 45,0
– 40,0
– 35,0
– 30,0
– 25,0
– 20,0
– 15,0
– 10,0
– 5,0
0,0
5,0
10,0
15,0
20,0
25,0
30,0
35,0
40,0
45,0
50,0
55,0
60,0
65,0
70,0
75,0
80,0
85,0
90,0
95,0
100,0
105,0
110,0
115,0
120,0
125,0
130,0
135,0
21,45
16,72
13,16
10,46
8,378
6,770
5,511
4,521
3,733
3,104
2,597
2,186
1,850
1,574
1,347
1,158
1,000
0,8676
0,7560
0,6615
0,5810
0,5123
0,4533
0,4025
0,3587
0,3206
0,2874
0,2584
0,2330
0,2107
0,1910
0,1735
0,1581
0,1443
0,1321
0,1212
0,1114
0,1025
0,09462
5,1
4,9
4,7
4,5
4,3
4,2
4,0
3,9
3,8
3,6
3,5
3,4
3,3
3,2
3,1
3,0
2,9
2,8
2,7
2,6
2,6
2,5
2,4
2,3
2,3
2,2
2,2
2,1
2,0
2,0
1,9
1,9
1,8
1,8
1,8
1,7
1,7
1,6
1,6
33,701
25,252
19,149
14,684
11,380
8,9067
7,0357
5,6065
4,5044
3,6471
2,9746
2,4429
2,0194
1,6797
1,4053
1,1823
1,0000
0,85007
0,72608
0,62300
0,53685
0,46453
0,40357
0,35193
0,30799
0,27047
0,23832
0,21067
0,18677
0,16607
0,14805
0,13233
0,11862
0,10660
0,096009
0,086667
0,078398
0,071067
0,064544
5,9
5,7
5,4
5,2
5,0
4,8
4,6
4,5
4,3
4,2
4,0
3,9
3,8
3,6
3,5
3,4
3,3
3,2
3,1
3,0
2,9
2,9
2,8
2,7
2,6
2,6
2,5
2,4
2,4
2,3
2,3
2,2
2,2
2,1
2,1
2,0
2,0
1,9
1,9
34,363
25,827
19,635
15,089
11,712
9,1774
7,2552
5,7835
4,6467
3,7611
3,0547
2,4986
2,0575
1,7051
1,4210
1,1910
1,0000
0,85053
0,72386
0,61897
0,53134
0,45814
0,39637
0,34439
0,30081
0,26372
0,23212
0,20501
0,18150
0,16117
0,14330
0,12775
0,11458
0,10306
0,092752
0,083677
0,075739
0,068710
0,062431
5,8
5,6
5,4
5,2
5,0
4,8
4,6
4,5
4,3
4,2
4,1
4,0
3,8
3,7
3,6
3,6
3,3
3,3
3,2
3,1
3,0
2,9
2,9
2,7
2,7
2,6
2,5
2,5
2,4
2,4
2,3
2,2
2,1
2,1
2,1
2,0
2,0
1,9
1,9
39,326
30,121
23,164
17,888
13,874
10,810
8,4512
6,6612
5,2540
4,1777
3,3309
2,6767
2,1680
1,7683
1,4538
1,2025
1,0000
0,83752
0,70362
0,59417
0,50453
0,43035
0,36798
0,31608
0,27324
0,23718
0,20635
0,18016
0,15843
0,13984
0,12277
0,10804
0,095996
0,085543
0,076380
0,068378
0,061386
0,055245
0,049926
5,5
5,4
5,3
5,2
5,1
5,0
4,9
4,8
4,7
4,6
4,5
4,3
4,1
4,0
3,9
3,8
3,6
3,5
3,4
3,3
3,2
3,2
3,1
3,0
2,9
2,8
2,7
2,7
2,6
2,5
2,5
2,4
2,3
2,3
2,2
2,2
2,1
2,1
2,0
Normierte R/T-Kennlinien


Similar Part No. - K164

ManufacturerPart #DatasheetDescription
logo
EPCOS
K164 EPCOS-K164 Datasheet
557Kb / 30P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com