Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL10037LCF1 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL10037LCF1
Description  Digital Satellite Tuner with RF Bypass
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10037LCF1 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL10037LCF1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10037LCF1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10037LCF1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10037LCF1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10037LCF1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL10037LCF1 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL10037LCF1 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL10037LCF1 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL10037LCF1 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ZL10037
Data Sheet
11
Zarlink Semiconductor Inc.
The LEN bit enables the RFBYPASS output. With this bit set, the RF Bypass is active even if ‘software’ or
‘hardware’ power down has been selected.
The RFG bit controls the gain of the second section of RF gain control. With this bit set, the RF gain is reduced by
10dB. This setting would normally used when an external LNA is being used.
2.3
Base Band Registers
There are three registers that control the Base Band:
The bits BF[7:0] control the bandwidth of the baseband filter. An automatic adjustment routine synchronizes the
filter bandwidth to a reference frequency derived from the crystal.
The LF and SF bits disable the baseband filter adjustment. It is recommended that these bits are set after
programming the filter bandwidth to prevent interactions within the circuit. These bits must be reset to enable the
baseband filter bandwidth to be reprogrammed.
The BR[4:0] bits set the crystal reference divide ratio. This effectively determines the resolution setting of the
baseband filters. The baseband filter settings (BF[7:0]) can be calculated from the following equation.
See Section 3 Applications Information, for a typical programming example.
BR[4:0] = 0 is invalid
The BLF bit indicates that the baseband adjustment has completed and locked.
The control bits BG[3:0] define the gain of the Base Band post-filter amplifier. The following table shows the gain -
note this is relative gain. The 1.5 dB gain steps enable the baseband output level to be adjusted and optimise gain
distribution for different symbol rates.
Bit Field
Name
Default
Type
Description
7:0
BF[7:0]
0X3C
R/W
Base Band Filter Cut-Off Frequency
Table 10 - Register 5
Bit Field
Name
Default
Type
Description
7-
0
R/W
Test Mode
6
LF
0
R/W
Baseband Filter Adjust Disable
5
SF
0
R/W
Baseband Filter Adjust Disable
4:0
BR[4:0]
1000
R/W
Base Band Reference Division Ratio
Table 11 - Register 6
Bit Field
Name
Default
Type
Description
7
BLF
-
R
Base Band Lock Flag
6:3
BG[3:0]
0111
R/W
Base Band Gain Select
2:0
-
000
R/W
Test Modes
Table 12 - Register 7
1
(
=
(MHz)
Frequency
Crystal
0])
:
BR[4
*
5.088
*
(MHz)
bandwidth
Filter
0]
:
BF[7


Similar Part No. - ZL10037LCF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10036 ZARLINK-ZL10036 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF ZARLINK-ZL10036LDF Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDF1 ZARLINK-ZL10036LDF1 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDG ZARLINK-ZL10036LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10036LDG1 ZARLINK-ZL10036LDG1 Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
More results

Similar Description - ZL10037LCF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10038LDG ZARLINK-ZL10038LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
logo
Intel Corporation
CE5037 INTEL-CE5037 Datasheet
337Kb / 31P
   Digital Satellite Tuner with RF Bypass
logo
Zarlink Semiconductor I...
ZL10039 ZARLINK-ZL10039 Datasheet
694Kb / 35P
   Digital Satellite Tuner with RF Bypass
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
NXP Semiconductors
CX24118A NXP-CX24118A Datasheet
506Kb / 46P
   Advanced Modulation Digital Satellite Tuner
Rev. 02-8 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com