Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-H411-FG000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 5082-H411-FG000
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-H411-FG000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 5082-H411-FG000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-H411-FG000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-H411-FG000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-H411-FG000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-H411-FG000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-H411-FG000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-H411-FG000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5082-H411-FG000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5082-H411-FG000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous
Intensity per Unit Current) vs. Peak Current.
Figure 1. Maximum Allowable Average or
DC Current vs. Ambient Temperature.
Figure 2. Forward Current vs. Forward Voltage.
16
0
2
4
6
8
10
12
14
20
100
90
80
70
60
50
40
30
T
– AMBIENT TEMPERATURE – °C
A
120
110
20
18
R
= 770°C/W
θθθθ
J-A
50.0
20.0
10.0
5.0
2.0
1.0
0.5
0.1
0
0.5
1.0
1.5
2.0
2.5
V – FORWARD VOLTAGE – V
F
20
10
5
2
1
0.5
0.2
0.1
0.1
0.2
0.5
1
2
5
10
20
I
– FORWARD CURRENT
PER SEGMENT – mA
F
I
– PEAK FORWARD CURRENT
PER SEGMENT – mA
PEAK
1.3
1.2
1.1
1.0
0.9
0.8
0
5
10
20
30
40
50
0.7
0.5 mA
AlGaAs Red


Similar Part No. - 5082-H411-FG000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-H401-00000 HP-5082-H401-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-H401-0B000 HP-5082-H401-0B000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-H401-0C000 HP-5082-H401-0C000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-H401-0D000 HP-5082-H401-0D000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-H401-0E000 HP-5082-H401-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - 5082-H411-FG000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com